Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZP96NG Arkusz danych(PDF) 5 Page - Arizona Microtek, Inc

Numer części AZP96NG
Szczegółowy opis  PECL/ECL Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZM [Arizona Microtek, Inc]
Strona internetowa  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP96NG Arkusz danych(HTML) 5 Page - Arizona Microtek, Inc

  AZP96NG Datasheet HTML 1Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 2Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 3Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 4Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 5Page - Arizona Microtek, Inc AZP96NG Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Arizona Microtek, Inc.
AZP96
PECL/ECL Differential Receiver
www.azmicrotek.com
+1-480-962-5881
5
Request a Sample
May 2012, Rev 2.0
Table 4 – LVPECL DC Characteristics
LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Max
Min
Max
Min
Max
Min
Max
VOH
Output HIGH Voltage
1,2
2215
2420
2275
2420
2275
2420
2275
2420
mV
VOL
Output LOW Voltage
1,2
1470
1745
1490
1680
1490
1680
1490
1680
mV
VBB
Reference Voltage
1
1920
2040
1920
2040
1920
2040
1920
2040
mV
VIH
Input HIGH Voltage
1
2135
2420
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage
1
1490
1825
1490
1825
1490
1825
1490
1825
mV
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
-150
-150
-150
-150
µA
IEE
Power Supply Current
22
22
22
24
mA
1.
For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
Table 5 – PECL DC Characteristics
PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Max
Min
Max
Min
Max
Min
Max
VOH
Output HIGH Voltage
1,2
3915
4120
3975
4120
3975
4120
3975
4120
mV
VOL
Output LOW Voltage
1,2
3170
3445
3190
3380
3190
3380
3190
3380
mV
VBB
Reference Voltage
1
3620
3740
3620
3740
3620
3740
3620
3740
mV
VIH
Input HIGH Voltage
1
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage
1
3190
3525
3190
3525
3190
3525
3190
3525
mV
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
-150
-150
-150
-150
µA
IEE
Power Supply Current
22
22
22
24
mA
1.
For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.


Podobny numer części - AZP96NG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZP96NG AZM-AZP96NG Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZP96NG AZM-AZP96NG Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
More results

Podobny opis - AZP96NG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com