Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7401J1ZQE2 Arkusz danych(PDF) 8 Page - C&K Components

Numer części 7401J1ZQE2
Szczegółowy opis  7000 Series Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CK-COMPONENTS [C&K Components]
Strona internetowa  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7401J1ZQE2 Arkusz danych(HTML) 8 Page - C&K Components

Back Button 7401J1ZQE2 Datasheet HTML 4Page - C&K Components 7401J1ZQE2 Datasheet HTML 5Page - C&K Components 7401J1ZQE2 Datasheet HTML 6Page - C&K Components 7401J1ZQE2 Datasheet HTML 7Page - C&K Components 7401J1ZQE2 Datasheet HTML 8Page - C&K Components 7401J1ZQE2 Datasheet HTML 9Page - C&K Components 7401J1ZQE2 Datasheet HTML 10Page - C&K Components 7401J1ZQE2 Datasheet HTML 11Page - C&K Components 7401J1ZQE2 Datasheet HTML 12Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
ACTUATOR–REAR MOUNT
.313
(7,95)
PANEL MOUNTING
J11 & J21 Actuators
J19 Actuator
J37 Actuator
J11
ROCKER WITH FRAME
J19
ROCKER WITH FRAME
J21
LEVER WITH FRAME
J37
ROCKER WITH FRAME
Actuator finish: Matte. Frame finish: Gloss. Other
colors, custom actuator markings and legends
available, consult Customer Service Center.
NOTE: Actuators & frames available separately,
see pages G-22 and G-25. J11, J19, J21 & J37
Actuators available with C, W-W5, Z & Z3
terminations.
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
2
BLACK
1
WHITE
FRAME COLOR
OPTION
CODE
FRAME COLOR
ACTUATOR
G
G–11
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


Podobny numer części - 7401J1ZQE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
7401 NSC-7401 Datasheet
97Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
logo
C&K Components
7401 CK-COMPONENTS-7401 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
List of Unclassifed Man...
74010 ETC2-74010 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
logo
Myrra
74010 MYRRA-74010 Datasheet
98Kb / 1P
   FLYBACK TRANSFORMER
logo
Belden Inc.
74010E BELDEN-74010E Datasheet
172Kb / 3P
   DataTuff® 6A, 4PR #22 Sol BC, PO ins, S/FTP, PVC jkt, PROFINET Type A,AWM 20726
2022 Belden, Inc
More results

Podobny opis - 7401J1ZQE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com