Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5-104652-4 Arkusz danych(PDF) 6 Page - Tyco Electronics

Numer części 5-104652-4
Szczegółowy opis  Fine Pitch SMT Stacking Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104652-4 Arkusz danych(HTML) 6 Page - Tyco Electronics

Back Button 5-104652-4 Datasheet HTML 2Page - Tyco Electronics 5-104652-4 Datasheet HTML 3Page - Tyco Electronics 5-104652-4 Datasheet HTML 4Page - Tyco Electronics 5-104652-4 Datasheet HTML 5Page - Tyco Electronics 5-104652-4 Datasheet HTML 6Page - Tyco Electronics 5-104652-4 Datasheet HTML 7Page - Tyco Electronics 5-104652-4 Datasheet HTML 8Page - Tyco Electronics 5-104652-4 Datasheet HTML 9Page - Tyco Electronics 5-104652-4 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Recommended PC Board Layouts for Vertical Connectors
No. of
Receptacle Dimensions
Header Dimensions
Pos.
BC
DBC
D
10
4
5.08 [.200]
8.12 [.320]
4
5.08 [.200]
8.17 [.322]
20
9
11.43 [.450]
14.48 [.570]
9
11.43 [.450]
14.52 [.572]
30
14
17.78 [.700]
20.83 [.820]
14
17.78 [.700]
20.87 [.822]
40
19
24.13 [.950]
27.19 [1.070]
19
24.13 [.950]
27.22 [1.072]
50
24
30.48 [1.200]
33.53 [1.320]
24
30.48 [1.200]
33.57 [1.322]
60
29
36.83 [1.450]
39.88 [1.570]
29
36.83 [1.450]
39.92 [1.572]
70
34
43.18 [1.700]
46.23 [1.820]
34
43.18 [1.700]
46.27 [1.822]
80
39
49.53 [1.950]
52.58 [2.070]
39
49.53 [1.950]
52.62 [2.072]
90
44
55.88 [2.200]
58.93 [2.320]
44
55.88 [2.200]
58.97 [2.322]
100
49
62.23 [2.450]
65.28 [2.570]
49
62.23 [2.450]
65.32 [2.572]
D
D
0.74
[.029]
B Spaces at 1.27 [.050] = C
B Spaces at 1.27 [.050] = C
C of Pattern
Detail A
Detail A
Holddown Detail for
Tube Packaged Product
Detail A
Holddown Detail for
Tape and Reel Product
C of Pattern
1.52
[.060]
1.27
[.050]
4.11
[.162]
4.62
[.182]
2.31
[.091]
2.79
[.110]
1.27
[.050]
1.52
[.060]
1.65
[.065]
3.30
[.130]
0.74
[.029]
L
L
Receptacles
Headers
Note: Refer to Tyco Electronics
Customer Drawings for additional
PC board layout information and
dimensional tolerances.
1.19
[.047]
2 Plcs.
0.25
[.010]
4 Plcs.
1.42
[.056]
2 Plcs.
Detail A
93
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)


Podobny numer części - 5-104652-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-104652-4 MACOM-5-104652-4 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
5-104652-4 MACOM-5-104652-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Podobny opis - 5-104652-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Molex Electronics Ltd.
5024305010 MOLEX11-5024305010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking
5015313410 MOLEX11-5015313410 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
5024302230 MOLEX11-5024302230 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
5024302030 MOLEX11-5024302030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com