Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5-104652-5 Arkusz danych(PDF) 8 Page - Tyco Electronics

Numer części 5-104652-5
Szczegółowy opis  Fine Pitch SMT Stacking Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104652-5 Arkusz danych(HTML) 8 Page - Tyco Electronics

Back Button 5-104652-5 Datasheet HTML 4Page - Tyco Electronics 5-104652-5 Datasheet HTML 5Page - Tyco Electronics 5-104652-5 Datasheet HTML 6Page - Tyco Electronics 5-104652-5 Datasheet HTML 7Page - Tyco Electronics 5-104652-5 Datasheet HTML 8Page - Tyco Electronics 5-104652-5 Datasheet HTML 9Page - Tyco Electronics 5-104652-5 Datasheet HTML 10Page - Tyco Electronics 5-104652-5 Datasheet HTML 11Page - Tyco Electronics 5-104652-5 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Board-to-Board Right Angle Headers, Dual-Row, 1.27 x 1.27
[.050 x .050] Centerline
Material and Finish
Housing — Liquid crystal polymer,
black, 94V-0 rated
Contacts — Brass; duplex plated
0.00076 [.000030] gold in mating area,
0.000381 [.000150] tin on solder tail,
with entire contact underplated 0.00127
[.000050] nickel
Holddown — Copper alloy; plated
0.00381 [.0000150] tin over 0.00127
[.000050] nickel
Related Product Data
Mating Receptacles — pages 91, 97
Technical Documents (page 113)
Product Specification 108-1443
Application Specification
114-7010
Packaging: Tube
Recommended PC Board Layout
No. of
Dimensions
Header
Pos.
Part Numbers
AB
C
D
Latching
Non-Latching
10
16.00 [.630]
9
5.72 [.225]
13.97 [.550]
5-104895-1
5-104894-1
20
22.35 [.880]
19
12.07 [.475]
20.32 [.800]
5-104895-2
5-104894-2
30
28.70 [1.130]
29
18.42 [.725]
26.67 [1.050]
5-104895-3
5-104894-3
40
35.05 [1.380]
39
24.77 [.975]
33.02 [1.300]
5-104895-4
5-104894-4
50
41.40 [1.630]
49
31.12 [1.225]
39.37 [1.550]
5-104895-5
5-104894-5
60
47.75 [1.880]
59
37.47 [1.475]
45.72 [1.800]
5-104895-6
5-104894-6
70
54.10 [2.130]
69
43.82 [1.725]
52.07 [2.050]
5-104895-7
5-104894-7
80
60.45 [2.380]
79
50.17 [1.975]
58.42 [2.300]
5-104895-8
5-104894-8
100
73.15 [2.880]
99
62.87 [2.475]
71.12 [2.800]
6-104895-0
6-104894-0
Note: Part Numbers are RoHS compliant.
A
10.92
[.430]
8.64
[.340]
7.75
[.305]
B Spaces at
0.64
= C
[.025]
2.16
[.085]
3.56
[.140]
4.45
[.175]
D
2.54
[.100]
Min.
1.57
[.063]
(2 Plcs.)
4.83
[.190]
(2 Plcs.)
1.19
Dia
[.047]
Plated-Thru Hole
(2 Plcs.)
3.45
[.136]
(2 Plcs.)
1.27
[.050]
8.94
[.352]
5.41
[.213]
1.27
[.050]
1.27
[.050]
Typ.
0.74
[.029]
Typ.
1.65
[.065]
Typ.
Note: Refer to Tyco Electronics
Customer Drawings for additional
PC board layout information and
dimensional tolerances.
Non-Latching Header
Latching Header
95
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)


Podobny numer części - 5-104652-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-104652-5 MACOM-5-104652-5 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
5-104652-5 MACOM-5-104652-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Podobny opis - 5-104652-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Molex Electronics Ltd.
5024305010 MOLEX11-5024305010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking
5015313410 MOLEX11-5015313410 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
5024302230 MOLEX11-5024302230 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
5024302030 MOLEX11-5024302030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com