Zakładka z wyszukiwarką danych komponentów |
|
5-1415539-2 Arkusz danych(PDF) 3 Page - Tyco Electronics |
|
5-1415539-2 Arkusz danych(HTML) 3 Page - Tyco Electronics |
3 / 3 page 11-2012, Rev. 1112 www.te.com © 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 3 SCHRACK General Purpose Relays Force Guided Relays Force Guided Relay SR6 A/B/C/V (Continued) Product code structure Typical product code SR6 A 4 012 Type SR6 Relay with force guided contacts SR6 Contact arrangement A 3 form A + 3 form B contacts (3 NO + 3 NC) B 4 form A + 2 form B contacts (4 NO + 2 NC) V 4 form A + 2 form B contacts (4 NO + 2 NC) C 5 form A + 1 form B contacts (5 NO + 1 NC) Contact material 4 AgSnO2 for 1200mW version 6 AgSnO2 + 0.2µm Au for 800mW version Coil Coil code: please refer to coil versions table (e.g. 024=24VDC) Available types please see Part number table Product code Type Arrangement Cont. material Coil Coil power Alt. description Part number SR6A4005 6 pole 3 forrm A + 3 form B, AgSnO2 5VDC 1200mW V23050-A1005-A533 8-1415017-1 SR6A4012 relay with 3 NO + 3 NC 12VDC V23050-A1012-A533 1-1415015-1 SR6A4021 force guided contactts 21VDC V23050-A1021-A533 3-1415018-1 SR6A4024 contacts 24VDC V23050-A1024-A533 1415015-1 SR6A4048 48VDC V23050-A1048-A533 6-1415018-1 SR6A4060 60VDC V23050-A1060-A533 7-1415018-1 SR6A4110 110VDC V23050-A1110-A533 9-1415018-1 SR6A6K12 AgSnO2+Au 12VDC 800mW 6-1415537-1 SR6A6K18 18VDC 6-1415537-3 SR6A6K24 24VDC 6-1415537-5 SR6B4005 4 form A + 2 form B, AgSnO2 5VDC 1200mW V23050-A1005-A542 1393260-1 SR6B4006 4 NO + 2 NC 6VDC V23050-A1006-A542 1393260-2 SR6B4012 contacts 12VDC V23050-A1012-A542 1393260-4 SR6B4018 18VDC V23050-A1018-A542 1393260-5 SR6B4021 21VDC V23050-A1021-A542 1393260-6 SR6B4024 24VDC V23050-A1024-A542 1393260-7 SR6B4040 40VDC V23050-A1040-A542 1393260-9 SR6B4048 48VDC V23050-A1048-A542 1-1393260-0 SR6B4060 60VDC V23050-A1060-A542 1-1393260-1 SR6B4085 85VDC V23050-A1085-A542 1-1393260-2 SR6B4110 110VDC V23050-A1110-A542 1-1393260-3 SR6B6K12 AgSnO2+Au 12VDC 800mW 7-1415537-6 SR6B6K15 15VDC 7-1415537-7 SR6B6K18 18VDC 7-1415537-8 SR6B6K21 21VDC 7-1415537-9 SR6B6K24 24VDC 8-1415537-0 SR6C4012 5 form A + 1 form B, AgSnO2 12VDC 1200mW V23050-A1012-A551 1-1415017-1 SR6C4024 5 No + 1 NC 24VDC V23050-A1024-A551 1415017-1 SR6C4048 contacts 48VDC V23050-A1048-A551 2-1415019-1 SR6C4060 60VDC V23050-A1060-A551 3-1415019-1 SR6C4110 110VDC V23050-A1110-A551 5-1415019-1 SR6C6K24 AgSnO2+Au 24VDC 800mW 9-1415537-4 SR6V6K12 4 form A + 2 form B, 12VDC 3-1415542-5 SR6V6K15 4 NO + 2 NC 15VDC 2-1415543-2 SR6V6K18 contacts 18VDC 3-1415543-3 SR6V6K21 21VDC 4-1415542-4 SR6V6K24 24VDC 5-1415539-2 |
Podobny numer części - 5-1415539-2 |
|
Podobny opis - 5-1415539-2 |