Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL2530W Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części HCPL2530W
Szczegółowy opis  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530W Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  HCPL2530W Datasheet HTML 1Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 2Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 3Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
5
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Switching Characteristics (VCC = 5V)
** All Typicals at TA = 25°C
Notes:
6. The 4.1k
Ω load represents 1 LSTTL unit load of 0.36mA and 6.1kΩ pull-up resistor.
7. The 1.9k
Ω load represents 1 TTL unit load of 1.6mA and 5.6kΩ pull-up resistor.
8. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge
of the common mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO > 2.0V).
Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge
of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO < 0.8V).
Symbol Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
TPHL
Propagation Delay
Time to Logic LOW
TA = 25°C, RL = 4.1kΩ,
IF = 16mA
(6) (Fig. 7)
6N135
HCPL2530
0.45
1.5
µs
RL = 1.9kΩ, IF = 16mA,
TA = 25°C
(7) (Fig. 7)
6N136
HCPL4502
HCPL2503
HCPL2531
0.45
0.8
µs
RL = 4.1kΩ, IF = 16mA
(6) (Fig. 7)
6N135
HCPL2530
2.0
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
6N136
HCPL4502
HCPL2503
HCPL2531
1.0
µs
TPLH
Propagation Delay
Time to Logic HIGH
TA = 25°C, (RL = 4.1kΩ,
IF = 16mA
(6) (Fig. 7)
6N135
HCPL2530
0.5
1.5
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
TA = 25°C
6N136
HCPL4502
HCPL2503
HCPL2531
0.3
0.8
µs
RL = 4.1kΩ, IF = 16mA
(6) (Fig. 7)
6N135
HCPL2530
2.0
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
6N136
HCPL4502
HCPL2503
HCPL2531
1.0
µs
|CMH|
Common Mode
Transient
Immunity at
Logic High
IF = 0mA, VCM = 10VP-P,
RL = 4.1kΩ, TA = 25°C
(8) (Fig. 8)
6N135
HCPL2530
10,000
V/µs
IF = 0mA, VCM = 10VP-P,
RL = 1.9kΩ, TA = 25°C
(8) (Fig. 8)
6N136
HCPL4502
HCPL2503
HCPL2531
10,000
V/µs
|CML|
Common Mode
Transient
Immunity at
Logic Low
IF = 16mA, VCM = 10 VP-P,
RL = 4.1kΩ, TA = 25°C
(8) (Fig. 8)
6N135
HCPL2530
10,000
V/µs
IF = 16mA, VCM = 10 VP-P,
RL = 1.9kΩ
(8) (Fig. 8)
6N136
HCPL4502
HCPL2503
HCPL2531
10,000
V/µs


Podobny numer części - HCPL2530W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2530M FAIRCHILD-HCPL2530M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
More results

Podobny opis - HCPL2530W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com