Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL2531 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części HCPL2531
Szczegółowy opis  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2531 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL2531 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 10Page - Fairchild Semiconductor HCPL2531 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
7
Typical Performance Curves
Fig. 1 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 2 Normalized CTR vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 3 Output Current vs. Output Voltage
VO – OUTPUT VOLTAGE (V)
02468
10
12
14161820
0
2
4
6
8
10
12
14
16
IF = 5mA
IF = 10mA
IF = 15mA
IF = 20mA
IF = 25mA
IF = 30mA
IF = 35mA
IF = 40mA
Normalized to:
IF = 16 mA
VO = 0.4 V
VCC = 5 V
TA = 25°C
Normalized to:
TA = 25°C
IF = 16mA
VCC = 5 V
VO = 0.4 V
Fig. 4 Logic High Output Current
vs. Temperature
TA – TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
Fig. 5 Propagation Delay vs. Temperature
TA – TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
700
800
RL = 1.9kΩ (TPHL)
R = 4.1k
Ω (TPLH)
L
RL = 1.9kΩ (TPLH)
RL = 4.1kΩ (TPLH)
Fig. 6 Propagation Delay vs. Load Resistance
RL – LOAD RESISTANCE (kΩ)
1
10
100
1000
10000
IF - 16mA (TPHL)
IF - 10mA (TPHL)
IF - 10mA (TPLH)
IF - 16mA (TPLH)
TA = 25°C
VCC = 5 V
IF = 0 mA
VCC = 5 V
VO = 5 V
IF = 16mA
VCC = 5 V
VCC = 5 V
TA = 25°C


Podobny numer części - HCPL2531

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
HCPL2531 TI-HCPL2531 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL2531 FAIRCHILD-HCPL2531 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2531 FAIRCHILD-HCPL2531 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2531M FAIRCHILD-HCPL2531M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
HCPL2531M FAIRCHILD-HCPL2531M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
More results

Podobny opis - HCPL2531

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com