Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KRCBC130714B Arkusz danych(PDF) 6 Page - Panasonic Semiconductor

Numer części KRCBC130714B
Szczegółowy opis  Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

KRCBC130714B Arkusz danych(HTML) 6 Page - Panasonic Semiconductor

  KRCBC130714B Datasheet HTML 1Page - Panasonic Semiconductor KRCBC130714B Datasheet HTML 2Page - Panasonic Semiconductor KRCBC130714B Datasheet HTML 3Page - Panasonic Semiconductor KRCBC130714B Datasheet HTML 4Page - Panasonic Semiconductor KRCBC130714B Datasheet HTML 5Page - Panasonic Semiconductor KRCBC130714B Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Panasonic Industrial Company
TA/TB Series (Ring Core with Casing)
TA/TB Series is effective for low frequency noise reduction.
TB Series has Fixed Hole.
Material of Case : PP
TA Series
TB Series
A
B
C
D
30MHz 50MHz 100MHz
KR16TA191010W
19.6
8.7
11.0 MAX 1.0
35
50
80
KR16TA251512W
26.5
13.5
14.0 MAX 3.0
35
50
80
KR16TB251512B1
29.5
13.4
13.5
23.0
35
50
80
A
B
C
D
1MHz
5MHz
10MHz
KR50TA251512B
26.5
13.5
14.0 MAX 3.0
20
18
14
Measuring wire: UL1015 AWG #14, 100mm, 1turn
PART NUMBER
DIMENSIONS
IMPEDANCE
PART NUMBER
DIMENSIONS
IMPEDANCE


Podobny numer części - KRCBC130714B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KRC101 KEC-KRC101 Datasheet
599Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
KRC101 KEC-KRC101 Datasheet
665Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC101 KEC-KRC101 Datasheet
401Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
KRC101M KEC-KRC101M Datasheet
599Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
KRC101S KEC-KRC101S Datasheet
665Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Podobny opis - KRCBC130714B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
ECO-S1KP472DA PANASONIC-ECO-S1KP472DA Datasheet
193Kb / 10P
   Panasonic Industrial Company
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
Panasonic Semiconductor
ENW89829C2JF PANASONIC-ENW89829C2JF Datasheet
1Mb / 60P
   Panasonic Industrial Devices Europe GmbH
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
   Noise Reduction Processor
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
   Pop noise reduction function
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
   Audible Noise Reduction Techniques
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com