Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1-DC12V-F Arkusz danych(PDF) 3 Page - Panasonic Semiconductor

Numer części ST1-DC12V-F
Szczegółowy opis  1a1b/2a 8A polarized power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ST1-DC12V-F Arkusz danych(HTML) 3 Page - Panasonic Semiconductor

  ST1-DC12V-F Datasheet HTML 1Page - Panasonic Semiconductor ST1-DC12V-F Datasheet HTML 2Page - Panasonic Semiconductor ST1-DC12V-F Datasheet HTML 3Page - Panasonic Semiconductor ST1-DC12V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
ST
ASCTB210E 201202-T
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Arrangement
1 Form A 1 Form B, 2 Form A
Contact material
Au-flashed AgSnO2 type
Contact resistance (Initial)
Max. 30 m
Ω (By voltage drop 6 V DC 1A)
Rating
Max. switching power (resistive load)
3,040 VA, 150 W
Max. switching voltage
380 V AC, 250 V DC
Max. switching current
8 A
Minimum operating power
150mW (Single side stable, 2 coil latching)
Nominal operating power
240mW (Single side stable, 2 coil latching)
Min. switching capacity (Reference value)*1
100 mA 5V DC
Electrical
characteristics
Insulation resistance (Initial)
(at 25
°C, 50% relative humidity)
Min. 1,000M
Ω (at 500V DC)
Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,200 Vrms for 1 min. (Detection current: 10 mA)
Between contact sets
2,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
3,750 Vrms for 1 min. (Detection current: 10 mA)
Surge breakdown voltage (Initial)*2
6,000 V (Between contact and coil)
Operate time [Set time] (at 20
°C 68°F)
Max. 15 ms [Max. 15 ms]
(Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 10 ms [Max. 15 ms]
(Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)
Temperature rise (coil) (at 60
°C 140°F)
Max. 55
°C
(By resistive method, nominal voltage applied to the coil; contact carrying current: 8A.)
Mechanical
characteristics
Shock resistance
Functional
Min. 196 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 2 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 3 mm
Expected life
Mechanical
Min. 107 (at 180 times/min.)
Electrical
Min. 105 (8 A 250 V AC resistive) (ON : OFF = 1 s : 5 s)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to +60°C –40°F to +140°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
30 cps
Unit weight
Approx. 10g .353 oz
1. Max. switching power
2. Coil temperature rise
3. Influence of adjacent mounting
10
5
2
1
0.5
0.2
020
50
100
200 300
600 1000
Voltage, V
AC inductive
load
(cos
ϕ=0.4)
DC inductive
load
(L/R=40ms)
AC resistive load
DC resistive
load
100
0.2
0.4
0.6
0.8
1.0
1.2
90
80
70
60
50
40
30
20
10
0
Coil operating power, W
0A
Contact current 8A
Pick-up voltage
Drop-out voltage
40
30
20
10
0
-10
-20
-30
-40
510
15
20
Inter-relay distance, mm


Podobny numer części - ST1-DC12V-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nais(Matsushita Electri...
ST1-DC12V NAIS-ST1-DC12V Datasheet
92Kb / 3P
   IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING
More results

Podobny opis - ST1-DC12V-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com