Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD261CYBU Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KSD261CYBU
Szczegółowy opis  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD261CYBU Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KSD261CYBU Datasheet HTML 1Page - Fairchild Semiconductor KSD261CYBU Datasheet HTML 2Page - Fairchild Semiconductor KSD261CYBU Datasheet HTML 3Page - Fairchild Semiconductor KSD261CYBU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, November 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
01
23
456
789
10
0
50
100
150
200
250
300
350
400
450
500
IB = 2.0mA
IB = 1.2mA
IB = 1.6mA
IB = 1.8mA
IB = 1.4mA
IB = 0.8mA
IB = 0.6mA
IB = 0.4mA
IB = 1.0mA
IB = 0.2mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
10
100
1000
VCE = 1V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VCE = 1V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1
10
100
IE = 0
f = 1MHz
VCB [V], COLLECTOR-BASE VOLTAGE


Podobny numer części - KSD261CYBU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSD261CGTA FAIRCHILD-KSD261CGTA Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
More results

Podobny opis - KSD261CYBU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com