Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1981BJST-REEL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD1981BJST-REEL
Szczegółowy opis  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1981BJST-REEL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD1981BJST-REEL Datasheet HTML 6Page - Analog Devices AD1981BJST-REEL Datasheet HTML 7Page - Analog Devices AD1981BJST-REEL Datasheet HTML 8Page - Analog Devices AD1981BJST-REEL Datasheet HTML 9Page - Analog Devices AD1981BJST-REEL Datasheet HTML 10Page - Analog Devices AD1981BJST-REEL Datasheet HTML 11Page - Analog Devices AD1981BJST-REEL Datasheet HTML 12Page - Analog Devices AD1981BJST-REEL Datasheet HTML 13Page - Analog Devices AD1981BJST-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD1981B
Rev. C | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
11
12
DVDD1
XTL_IN
XTL_OUT
DVSS1
SDATA_OUT
BIT_CLK
DVSS2
SDATA_IN
DVDD2
SYNC
RESET
NC
LINE_OUT_R
LINE_OUT_L
AVDD4
AVSS4
AFILT4
AFILT3
AFILT2
AFILT1
VREFOUT
VREF
AVSS1
AVDD1
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
AD1981B
TOP VIEW
(Not to Scale)
Figure 9. 48-Lead LQFP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
DIGITAL I/O
2
XTL_IN
I
Crystal Input (24.576 MHz) or External Clock Input.
3
XTL_OUT
O
Crystal Output.
5
SDATA_OUT
I
AC-Link Serial Data Output, AD1981B Data Input Stream.
6
BIT_CLK
O/I
AC-Link Bit Clock Output (12.288 MHz) or Bit Clock Input, if Secondary Mode
Selected.
8
SDATA_IN
O
AC-Link Serial Data Input, AD1981B Data Output Stream.
10
SYNC
I
AC-Link Frame Sync.
11
RESET
I
AC-Link Reset, AD1981B Master Hardware Reset.
48
SPDIF
O
S/PDIF Output.
CHIP SELECTS1
45
ID0
I
Chip Select Input 0 (Active Low). This pin can also be used as the chain input from a
secondary codec.
46
ID1
I
Chip Select Input 1 (Active Low).
JACK SENSE AND EAPD
17
JS0
I
Jack Sense 0 Input.
16
JS1
I
Jack Sense 1 Input.
47
EAPD
O
External Amp Power-Down Control.
ANALOG I/O
13
PHONE_IN
I
Phone Input. Mono input from telephony subsystem speaker phone or handset.
14
AUX_L
I
Auxiliary Input Left Channel.
15
AUX_R
I
Auxiliary Input Right Channel.
18
CD_L
I
CD Audio Left Channel.
19
CD_GND_REF
I
CD Audio Analog Ground Reference for Differential CD Input.
20
CD_ R
I
CD Audio Right Channel.
21
MIC1
I
Microphone 1 Input (Mono) or Left Channel when 2-Channel Mode Selected
(Stereo MIC).


Podobny numer części - AD1981BJST-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1981BJST-REEL AD-AD1981BJST-REEL Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
More results

Podobny opis - AD1981BJST-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com