Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1981BJSTZ-REEL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD1981BJSTZ-REEL
Szczegółowy opis  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1981BJSTZ-REEL Arkusz danych(HTML) 1 Page - Analog Devices

  AD1981BJSTZ-REEL Datasheet HTML 1Page - Analog Devices AD1981BJSTZ-REEL Datasheet HTML 2Page - Analog Devices AD1981BJSTZ-REEL Datasheet HTML 3Page - Analog Devices AD1981BJSTZ-REEL Datasheet HTML 4Page - Analog Devices AD1981BJSTZ-REEL Datasheet HTML 5Page - Analog Devices AD1981BJSTZ-REEL Datasheet HTML 6Page - Analog Devices AD1981BJSTZ-REEL Datasheet HTML 7Page - Analog Devices AD1981BJSTZ-REEL Datasheet HTML 8Page - Analog Devices AD1981BJSTZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
AC ’97 SoundMAX® Codec
AD1981B
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
AC ’97 2.3 COMPATIBLE FEATURES
S/PDIF output, 20-bit data format, supporting
48 kHz and 44.1 kHz sample rates
Integrated stereo headphone amplifier
Variable sample rate audio
External audio power-down control
>90 dB dynamic range
Stereo full-duplex codec
20-bit PCM DAC
3 analog line-level stereo inputs for line-in, AUX, and CD
Mono line-level phone input
Dual MIC input with built-in programmable preamplifier
High quality CD input with ground sense
Mono output for speakerphone or internal speaker
power management support
48-lead LQFP package, Pb-free available
ENHANCED FEATURES
Stereo MIC preamplifier support
Built-in digital equalizer function for optimized
speaker sound
Full-duplex variable sample rates from 7040 Hz to
48 kHz with 1 Hz resolution
Jack sense pins for automatic output switching
Software-programmed VREFOUT output for biasing
microphone and external power amplifier
Split power supplies: 3.3 V digital and 5 V analog
Multiple codec configuration options
FUNCTIONAL BLOCK DIAGRAM
A
M
MIC1
MIC2
PHONE_IN
CD_L
CD_GND
CD_R
AUX_L
AUX_R
LINE_IN_L
MIC PREAMP
MONO_OUT
HP_OUT_L
HP
MZ
LINE_OUT_L
MZ
LINE_OUT_R
HP_OUT_R
HP
G = GAIN
A = ATTENUATION
M = MUTE
Z = HIGH Z

GA

PCM FRONT
DAC RATE
M

M

PCM L/R
ADC RATE
G
LINE_IN_R
CODEC CORE
EAPD
PLL
XTL_OUT XTL_IN SPDIF
SPDIF
TX
ID0
ID1
RESET
ADC
AND
DAC
SLOT
LOGIC
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
JS0
JS1
EAPD
AD1981B
G
G
A
M
A
A
A
M
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
M
GA
M
M
EQ
EQ
G
G

M
G
M
G
ANALOG MIXING
CONTROL LOGIC
AC '97
CONTROL
REGISTERS
VREFOUT
VREF
16-BIT
Σ-∆ ADC
16-BIT
Σ-∆ ADC
16-BIT
Σ-∆ ADC
16-BIT
Σ-∆ ADC
20-BIT
Σ-∆ DAC
20-BIT
Σ-∆ DAC
CD
DIFF AMP
VOLTAGE
REFERENCE
Figure 1.


Podobny numer części - AD1981BJSTZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1981BJSTZ-REEL2 AD-AD1981BJSTZ-REEL2 Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
More results

Podobny opis - AD1981BJSTZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com