Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSE13005 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KSE13005
Szczegółowy opis  High Voltage Switch Mode Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE13005 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KSE13005 Datasheet HTML 1Page - Fairchild Semiconductor KSE13005 Datasheet HTML 2Page - Fairchild Semiconductor KSE13005 Datasheet HTML 3Page - Fairchild Semiconductor KSE13005 Datasheet HTML 4Page - Fairchild Semiconductor KSE13005 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, January 2001
NPN Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse test: PW
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current (DC)
4
A
ICP
Collector Current (Pulse)
8
A
IB
Base Current
2
A
PC
Collector Dissipation (TC=25°C)
30
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Base Breakdown Voltage
IC = 10mA, IB = 0
400
V
IEBO
Emitter Cut-off Current
VEB = 9V, IC = 0
1
mA
hFE
*DC Current Gain
VCE = 5V, IC = 1A
VCE = 5V, IC = 2A
10
8
60
40
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
IC = 2A, IB = 0.5A
IC = 4A, IB = 1A
0.5
0.6
1
V
V
V
VBE(sat)
*Base-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
IC = 2A, IB = 0.5A
1.2
1.6
V
V
Cob
Output Capacitance
VCB = 10V , f = 0.1MHz
65
pF
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.5A
4
MHz
tON
Turn On Time
VCC =125V, IC = 2A
IB1 = - IB2 = 0.4A
RL = 125Ω
0.8
µs
tSTG
Storage Time
4
µs
tF
Fall Time
0.9
µs
KSE13005F
High Voltage Switch Mode Application
• High Speed Switching
• Suitable for Switching Regulator and Motor Control
1
1.Base
2.Collector
3.Emitter
TO-220F


Podobny numer części - KSE13005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSE13005 FAIRCHILD-KSE13005 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
KSE13005H2ATU FAIRCHILD-KSE13005H2ATU Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
More results

Podobny opis - KSE13005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FJPF3305 FAIRCHILD-FJPF3305 Datasheet
80Kb / 5P
   High Voltage Switch Mode Application
FJP13009 FAIRCHILD-FJP13009 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
MJE13007F FAIRCHILD-MJE13007F Datasheet
55Kb / 5P
   High Voltage Switch Mode Application
logo
SemiHow Co.,Ltd.
KSB13003CR SEMIHOW-KSB13003CR Datasheet
912Kb / 6P
   High Voltage Switch Mode Application
KSB13003H SEMIHOW-KSB13003H Datasheet
845Kb / 6P
   High Voltage Switch Mode Application
KSB13003HR SEMIHOW-KSB13003HR Datasheet
451Kb / 6P
   High Voltage Switch Mode Application
logo
Fairchild Semiconductor
FJP5555 FAIRCHILD-FJP5555 Datasheet
66Kb / 5P
   High Voltage Switch Mode Application
KSE13004 FAIRCHILD-KSE13004 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
KSE13006 FAIRCHILD-KSE13006 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
FJPF5555 FAIRCHILD-FJPF5555 Datasheet
71Kb / 5P
   High Voltage Switch Mode Application
logo
ON Semiconductor
FJPF3305 ONSEMI-FJPF3305 Datasheet
221Kb / 7P
   High Voltage Switch Mode Application
May 2007 Rev. B
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com