Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSE180 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KSE180
Szczegółowy opis  Low Power Audio Amplifier Low Current High Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE180 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KSE180 Datasheet HTML 1Page - Fairchild Semiconductor KSE180 Datasheet HTML 2Page - Fairchild Semiconductor KSE180 Datasheet HTML 3Page - Fairchild Semiconductor KSE180 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, January 2001
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: KSE180
: KSE181
: KSE182
60
80
100
V
V
V
VCEO
Collector-Emitter Voltage : KSE180
: KSE181
: KSE182
40
60
80
V
V
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current (DC)
3
A
ICP
Collector Current (Pulse)
6
A
IB
Base Current
1
A
PC
Collector Dissipation (Ta=25°C)
1.5
W
Collector Dissipation (TC=25°C)
12.5
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCEO
Collector -Emitter Breakdown Voltage
: KSE180
: KSE181
: KSE182
IC = 10mA, IB = 0
40
60
80
V
V
V
ICBO
Collector Cut-off Current : KSE180
: KSE181
: KSE182
: KSE180
: KSE181
: KSE182
VCB = 60V, IB = 0
VCB = 80V, IE = 0
VCB = 100V, IE = 0
VCB = 60V, IE = 0 @ TC = 150°C
VCB = 80V, IE = 0 @ TC = 150°C
VCB = 100V, IE = 0 @ TC = 150°C
0.1
0.1
0.1
0.1
0.1
0.1
µA
µA
µA
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = 7V, IC = 0
0.1
µA
hFE
DC Current Gain
VCE = 1V, IC = 100mA
VCE = 1V, IC = 500mA
VCE = 1V, IC = 1.5A
50
30
12
250
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 500mA, IB = 50mA
IC = 1.5A, IB = 150mA
IC = 3A, IB = 600mA
0.3
0.9
1.7
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1.5A, IB = 150mA
IC = 3A, IB = 600mA
1.5
2.0
V
V
VBE(on)
Base-Emitter On Voltage
VCE = 1V, IC = 500mA
1.2
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 100mA
50
MHz
Cob
Output Capacitance
VCB = 10V, IE = 0, f = 0.1MHz
30
pF
KSE180/181/182
Low Power Audio Amplifier
Low Current High Speed Switching Applications
1
TO-126
1. Emitter
2.Collector
3.Base


Podobny numer części - KSE180

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
KSE180 FOSHAN-KSE180 Datasheet
917Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
More results

Podobny opis - KSE180

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSE170 FAIRCHILD-KSE170 Datasheet
50Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
MJE170 FAIRCHILD-MJE170 Datasheet
49Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
MJE180 FAIRCHILD-MJE180 Datasheet
48Kb / 4P
   Low Power Audio Amplifier Low Current High Speed Switching Applications
logo
Continental Device Indi...
CSD882 CDIL-CSD882 Datasheet
136Kb / 3P
   Audio Frequency Power Amplifier and Low Speed Switching Applications
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359_07 Datasheet
130Kb / 4P
   Audio Frequency Power Amplifier Low-Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
logo
List of Unclassifed Man...
2SD795 ETC-2SD795 Datasheet
42Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
2SD809 ETC-2SD809 Datasheet
39Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
First Silicon Co., Ltd
FTB772 FS-FTB772 Datasheet
117Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com