Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSE44H Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KSE44H
Szczegółowy opis  General Purpose Power Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE44H Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KSE44H Datasheet HTML 1Page - Fairchild Semiconductor KSE44H Datasheet HTML 2Page - Fairchild Semiconductor KSE44H Datasheet HTML 3Page - Fairchild Semiconductor KSE44H Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Collector Output Capacitance
Figure 4. Safe Operating Area
Figure 5. Power Derating
0.01
0.1
1
10
1
10
100
1000
V
CE = 1V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
100
0.01
0.1
1
10
I
C = 10 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
110
100
10
100
1000
f=100MHZ
V
CB[V], COLLECTOR-BASE VOLTAGE
1
10
100
1000
0.1
1
10
100
44H 1,2
44H 4,5
44H 7,8
44H 10,11
100
µs
10
µs
DC
V
CE
[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
Tc[
o
C], CASE TEMPERATURE


Podobny numer części - KSE44H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSE44H FAIRCHILD-KSE44H Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
logo
Inchange Semiconductor ...
KSE44H11 ISC-KSE44H11 Datasheet
300Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSE44H11TU FAIRCHILD-KSE44H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
More results

Podobny opis - KSE44H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSE45H11TU FAIRCHILD-KSE45H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
KSE44H11TU FAIRCHILD-KSE44H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
KSE45H FAIRCHILD-KSE45H Datasheet
40Kb / 4P
   General Purpose Power Switching Applications
logo
Sanyo Semicon Device
2SK3912 SANYO-2SK3912 Datasheet
38Kb / 4P
   General-Purpose Switching Device Applications
2SK3819 SANYO-2SK3819 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
ECH8402 SANYO-ECH8402 Datasheet
53Kb / 4P
   General-Purpose Switching Device Applications
SFT1350 SANYO-SFT1350 Datasheet
82Kb / 4P
   General-Purpose Switching Device Applications
SFT1443 SANYO-SFT1443 Datasheet
81Kb / 4P
   General-Purpose Switching Device Applications
SFT1445 SANYO-SFT1445 Datasheet
82Kb / 4P
   General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003_11 Datasheet
405Kb / 5P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com