Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74-10FC5A Arkusz danych(PDF) 1 Page - NTE Electronics

Numer części 74-10FC5A
Szczegółowy opis  10 x 38mm Ceramic, Fast Acting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

74-10FC5A Arkusz danych(HTML) 1 Page - NTE Electronics

  74-10FC5A Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
10 x 38mm Ceramic, Fast Acting
Features
Photovoltaic / Solar Panel Power Fuses
RoHS Compliant
Available in Blister (B Suffix) Package
F−10
1.496 (38.0)
.405
(10.3)
Specifications
Rated Voltage: 1000V
Breaking Capacity: 1000VAC, 50A; 1000VDC, 30A
Time Current Characteristics:
% of Ampere
Rating
Opening Time
1A − 5A
6A − 20A
100%
4 hours min.
4 hours min.
400%
0.003 − 1 seconds
0.01 − 10 seconds
1000%
0.02 seconds max.
0.03 seconds max.
Ordering Information:
NTE Type No. (Note 1)
Rated Current
Diag No.
74−10FC1A
1A
F−10
74−10FC2A
2A
F−10
74−10FC3A
3A
F−10
74−10FC4A
4A
F−10
74−10FC5A
5A
F−10
74−10FC6A
6A
F−10
74−10FC8A
8A
F−10
74−10FC10A
10A
F−10
74−10FC12A
12A
F−10
74−10FC15A
15A
F−10
74−10FC20A
20A
F−10
Note 1. For blister package, add a “B” suffix.


Podobny numer części - 74-10FC5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
74-3FG100MA NTE-74-3FG100MA Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
74-3FG125MA NTE-74-3FG125MA Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
74-3FG1A NTE-74-3FG1A Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
74-3FG2.5A NTE-74-3FG2.5A Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
74-3FG2A NTE-74-3FG2A Datasheet
466Kb / 1P
   Glass Microfuse, Fast Acting&Slow Blow
More results

Podobny opis - 74-10FC5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eaton All Rights Reserv...
C310FC EATON-C310FC Datasheet
748Kb / 2P
   3.6 mm x 10 mm Fast-acting, axial-leaded ceramic tube fuses
C310FH EATON-C310FH Datasheet
371Kb / 5P
   3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
logo
Cooper Bussmann, Inc.
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
   5 x 20mm, Fast-Acting, Ceramic Tube Fuses
ABC-1-4 COOPER-ABC-1-4 Datasheet
232Kb / 3P
   Fast-acting, ceramic tube
logo
Eaton All Rights Reserv...
ABC EATON-ABC Datasheet
260Kb / 2P
   1????x 1 1????Fast-acting ceramic tube fuses
logo
ORION FANS
OA109AP ORIONFANS-OA109AP Datasheet
931Kb / 1P
   120 x 38mm
logo
Eaton All Rights Reserv...
GDA EATON-GDA Datasheet
321Kb / 2P
   5 mm x 20 mm Fast-acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
S501-2-R COOPER-S501-2-R Datasheet
102Kb / 2P
   5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
logo
Eaton All Rights Reserv...
S501 EATON-S501 Datasheet
860Kb / 2P
   5 mm x 20 mm Fast-acting ceramic tube fuses
GBB EATON-GBB Datasheet
213Kb / 2P
   1??" x 1 1??" Very-fast acting ceramic tube fuses
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com