Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1967DH-T1-GE3 Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części SI1967DH-T1-GE3
Szczegółowy opis  Dual P-Channel 20 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1967DH-T1-GE3 Arkusz danych(HTML) 6 Page - Vishay Siliconix

  SI1967DH-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 68784
S10-0721-Rev. B, 29-Mar-10
Vishay Siliconix
Si1967DH
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?68784.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 220 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.02
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02


Podobny numer części - SI1967DH-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI1967DH-T1-GE3 VBSEMI-SI1967DH-T1-GE3 Datasheet
1,019Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Podobny opis - SI1967DH-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com