Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1967DH-T1-GE3 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI1967DH-T1-GE3
Szczegółowy opis  Dual P-Channel 20 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1967DH-T1-GE3 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI1967DH-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1967DH-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si1967DH
Document Number: 68784
S10-0721-Rev. B, 29-Mar-10
www.vishay.com
1
Dual P-Channel 20 V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
- 20
0.490 at VGS = - 4.5 V
- 1.3a
1.6 nC
0.640 at VGS = - 2.5 V
- 1.2
0.790 at VGS = - 1.8 V
- 1.0
Marking Code
DF
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
D2
S2
G2
D1
S1
G1
Ordering Information: Si1967DH-T1-E3 (Lead (Pb)-free)
Si1967DH-T1-GE3 (Lead (Pb)-free and Halogen-free)
P-Channel MOSFET
P-Channel MOSFET
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 220 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 1.3a
A
TC = 70 °C
- 1.1
TA = 25 °C
- 1.0b, c
TA = 70 °C
- 0.83b, c
Pulsed Drain Current
IDM
- 3
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 1
TA = 25 °C
- 0.6b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.25
W
TC = 70 °C
0.8
TA = 25 °C
0.74b, c
TA = 70 °C
0.47b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
130
170
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
80
100
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
PWM Optimized
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch for Portable Devices


Podobny numer części - SI1967DH-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI1967DH-T1-GE3 VBSEMI-SI1967DH-T1-GE3 Datasheet
1,019Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Podobny opis - SI1967DH-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com