Zakładka z wyszukiwarką danych komponentów |
|
AM1110F Arkusz danych(PDF) 7 Page - Panasonic Semiconductor |
|
AM1110F Arkusz danych(HTML) 7 Page - Panasonic Semiconductor |
7 / 8 page AM1 Rigid roller lever mm General tolerance: ±0.4 AM1543F (Solder terminal) AM1743F (Screw terminal) 26.1 34.1 max. 20.1 ±0.5 O.P. F.P. R31 Roller 9.5 dia. ×4: Plastic Operating force, max. 1.67 N Release force, min. 0.42 N Pretravel, max. mm 4.5 Movement differential, max. mm 0.5 Overtravel, min. mm 2.4 Operating position, mm 41.3 ±0.4 CAD Data 3. Reversed action types When the actuator is operated, the switching mechanism returns to the free position. Extraordinary force by pushing the plunger too much is not put on the switching mechanism, which means stability in life. Rigid lever AM1531F (Solder terminal) AM1731F (Screw terminal) 18.7 17.5 20.1 ±0.5 4.5 ±0.1 25.4 ±0.1 9.1 11.9 11.9 49.2 16.9 ±0.8 F.P. Lever: Stainless steel O.P. R56 4.2 + 0.1 −0.05 4.2 dia. hole +0.1 −0.05 4.8 Operating force, max. 1.67 N Release force, min. 0.27 N Pretravel, max. mm 5.0 Movement differential, max. mm 0.9 Overtravel, min. mm 5.6 Operating position, mm 19.1 ±0.8 CAD Data Rigid short roller lever AM1534F (Solder terminal) AM1734F (Screw terminal) 18.7 20.1 ±0.5 F.P. O.P. R19 Roller 9.5 dia. ×4: Plastic Operating force, max. 5.30 N Release force, min. 1.67 N Pretravel, max. mm 2.5 Movement differential, max. mm 0.4 Overtravel, min. mm 2.0 Operating position, mm 30.2 ±0.5 CAD Data Rigid roller lever AM1533F (Solder terminal) AM1733F (Screw terminal) 18.7 20.1 ±0.5 F.P. O.P. R41 Roller 9.5 dia. ×4: Plastic Operating force, max. 2.35 N Release force, min. 0.56 N Pretravel, max. mm 3.6 Movement differential, max. mm 0.7 Overtravel, min. mm 4.0 Operating position, mm 30.2 ±0.8 CAD Data AECTB8E 201201-T Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e |
Podobny numer części - AM1110F |
|
Podobny opis - AM1110F |