Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC164-FR-071R5 Arkusz danych(PDF) 8 Page - YAGEO Corporation

Numer części TC164-FR-071R5
Szczegółowy opis  ARRAY CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YAGEO [YAGEO Corporation]
Strona internetowa  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TC164-FR-071R5 Arkusz danych(HTML) 8 Page - YAGEO Corporation

  TC164-FR-071R5 Datasheet HTML 1Page - YAGEO Corporation TC164-FR-071R5 Datasheet HTML 2Page - YAGEO Corporation TC164-FR-071R5 Datasheet HTML 3Page - YAGEO Corporation TC164-FR-071R5 Datasheet HTML 4Page - YAGEO Corporation TC164-FR-071R5 Datasheet HTML 5Page - YAGEO Corporation TC164-FR-071R5 Datasheet HTML 6Page - YAGEO Corporation TC164-FR-071R5 Datasheet HTML 7Page - YAGEO Corporation TC164-FR-071R5 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SERIES
YC/TC
164 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Oct 27, 2008 V.3
Product specification
8
8
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 3
Oct 27, 2008
-
- Change to dual brand datasheet that describes YC/TC164 with RoHS
compliant
- Description of "Halogen Free Epoxy" added
- Define global part number
Version 2
Mar 01, 2005
-
- Test method and procedure updated
- TC164, the concave chip resistor arrays combined
Version 1
Apr. 22, 2004
-
- 13'' taping and Jumper added, delete G in ordering code, and test &
requirement (Pb free) updated
Version 0
Nov. 10, 2003 -
- First issue of this specification


Podobny numer części - TC164-FR-071R5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAGEO Corporation
TC164-FR-071KL YAGEO-TC164-FR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

Podobny opis - TC164-FR-071R5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com