Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3303D Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części MC3303D
Szczegółowy opis  Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC3303D Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  MC3303D Datasheet HTML 1Page - Fairchild Semiconductor MC3303D Datasheet HTML 2Page - Fairchild Semiconductor MC3303D Datasheet HTML 3Page - Fairchild Semiconductor MC3303D Datasheet HTML 4Page - Fairchild Semiconductor MC3303D Datasheet HTML 5Page - Fairchild Semiconductor MC3303D Datasheet HTML 6Page - Fairchild Semiconductor MC3303D Datasheet HTML 7Page - Fairchild Semiconductor MC3303D Datasheet HTML 8Page - Fairchild Semiconductor MC3303D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC3303/MC3403
4
Electrical Characteristics (Continued)
(VCC = +15V, VEE = -15V for MC3403, VCC = +14V, VEE = GND for MC3303, TA = 25
°C, unless otherwise
specified)
Note:
1. MC3403: 0
°C ≤ TA ≤ +70 °C , MC3303: -40 °C ≤ TA ≤ +85 °C
2. Guaranteed by design.
Parameter
Symbol
Conditions
MC3303
MC3403
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Average Temperature
Coefficient of Input
Offset Current (Note2)
∆IIO/∆T
-
-
50
--
50
-
pA/
°C
Input Offset Voltage Drift
(Note2)
∆VIO/∆T
-
-10
-
-
10
-
µV/ °C
Power Bandwidth (Note2)
GBW
GV=1,RL=2K
Ω,
VO(P.P)=20VP-P,
THD=5%
-9.0
-
-
9.0
-
KHz
Small Signal Bandwidth
(Note2)
BW
GV=1,RL=10K
Ω,
VO(P-P)=50mV
-1.0
-
-
1.0
-
MHz
Slew Rate (Note2)
SR
GV=1,VI= -10V to
+10V
-0.4
-
-
0.4
-
V/
µs
Rise Time (Note2)
TR
GV=1,RL=10K
Ω,
VO(P-P)=50mV
-0.35
-
-
0.35
-
µs
Fall Time (Note2)
TF
GV=1,RL=10K
Ω,
VO(P-P)=50mV
-0.35
-
-
0.35
-
µs
Over Shoot (Note2)
OS
GV=1,RL=10K
Ω,
VO(P-P)=50mV
-20
-
-
20
-
%
Phase Margin (Note2)
MPH
GV=1,RL=2K
Ω,
CL =200pF
-60
-
-
60
-
De-
gree
Crossover Distortion (Note2)
CD
VI =30mVP-P,
VO(P-P)=2.0VP-P,
f =10KHz
-1.0
-
-
1.0
-
%


Podobny numer części - MC3303D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC3303D ONSEMI-MC3303D Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
STMicroelectronics
MC3303D STMICROELECTRONICS-MC3303D Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
MC3303D TI-MC3303D Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC3303D ONSEMI-MC3303D Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
logo
Texas Instruments
MC3303D TI-MC3303D Datasheet
359Kb / 13P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Podobny opis - MC3303D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com