Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC79LXXA Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części MC79LXXA
Szczegółowy opis  3-Terminal 0.1A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79LXXA Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  MC79LXXA Datasheet HTML 1Page - Fairchild Semiconductor MC79LXXA Datasheet HTML 2Page - Fairchild Semiconductor MC79LXXA Datasheet HTML 3Page - Fairchild Semiconductor MC79LXXA Datasheet HTML 4Page - Fairchild Semiconductor MC79LXXA Datasheet HTML 5Page - Fairchild Semiconductor MC79LXXA Datasheet HTML 6Page - Fairchild Semiconductor MC79LXXA Datasheet HTML 7Page - Fairchild Semiconductor MC79LXXA Datasheet HTML 8Page - Fairchild Semiconductor MC79LXXA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Output Current up to 100mA
• No External Components
• Internal Thermal Over Load Protection
• Internal Short Circuit Current Limiting
• Output Voltage Offered in
±5% Tolerance
• Output Voltage of -5V, -8V, -12V, -15V, -18V, -24V
Description
These regulators employ internal current limiting and
thermal shutdown, making them essentially indestructible.
TO-92
1
8-SOP
SOT-89
1
1.GND 2.Input 3.Output
1. Output 2.3.6.7. Input 5. GND 4.8. NC
1
Internal Block Diagram
Q1
Q2Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
R1
R2
R3
R4
R5
R6
R7
R15
R16 R17
R18
R26
R22
R24
R25
R29
R
R28
R23+R21
R27
D3
D2
D1
C1
GND
Output
Input
MC79LXXA/LM79LXXA
3-Terminal 0.1A Negative Voltage Regulator


Podobny numer części - MC79LXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC79LXXA ONSEMI-MC79LXXA Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
More results

Podobny opis - MC79LXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com