Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC78T05 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części MC78T05
Szczegółowy opis  3-Terminal 3A Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78T05 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  MC78T05 Datasheet HTML 1Page - Fairchild Semiconductor MC78T05 Datasheet HTML 2Page - Fairchild Semiconductor MC78T05 Datasheet HTML 3Page - Fairchild Semiconductor MC78T05 Datasheet HTML 4Page - Fairchild Semiconductor MC78T05 Datasheet HTML 5Page - Fairchild Semiconductor MC78T05 Datasheet HTML 6Page - Fairchild Semiconductor MC78T05 Datasheet HTML 7Page - Fairchild Semiconductor MC78T05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Output Current in Excess of 3.0A
• Output Transistor Safe Operating Area Compensation
• Power Dissipation :25W
• Internal Short Circuit Current Limiting
• Internal Thermal Overload Protection
• Output Voltage Offered in 4% Tolerance
• No External Components Required
• Output Voltage of 5,12 and 15V
Description
This family of fixed voltage regulators are monolithic
integrated circuit capable of driving loads in excess of 3.0 A.
TO-220
1.Input 2. GND 3. Output
1
GND
Internal Block Diagram
SERIES
PASS
ELEMENT
SOA
PROTECTION
ERROR
AMPLIFIER
THERMAL
PROTECTION
CURRENT
GENERATOR
REFERENCE
VOLTAGE
STARTING
CIRCUIT
OUTPUT
3
GND
2
INPUT
1
MC78TXX
3-Terminal 3A Positive Voltage Regulator


Podobny numer części - MC78T05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC78T05 MOTOROLA-MC78T05 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
MC78T05ABT MOTOROLA-MC78T05ABT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T05ABT ONSEMI-MC78T05ABT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
MC78T05ABT ONSEMI-MC78T05ABT Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
MC78T05AC ONSEMI-MC78T05AC Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
More results

Podobny opis - MC78T05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA78T15TU FAIRCHILD-KA78T15TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78TXX FAIRCHILD-KA78TXX Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 3A
logo
Fairchild Semiconductor
LM350 FAIRCHILD-LM350_09 Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com