Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF1000F Arkusz danych(PDF) 2 Page - Yea Shin Technology Co., Ltd

Numer części UF1000F
Szczegółowy opis  ULT RAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1000F Arkusz danych(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF1000F Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1000F Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm. 22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
20
16
12
8
4
0
0
50
100
150
CASE TEMPERATURE,
Fig. 1-TYPICAL FORWARD CURRENT DERATING
CURVE
1000
100
10
1.0
0.1
20
40
60
80
100
120
140
TJ = 125
TJ = 25
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 2-TYPICAL REVERSE CHARACTERISTICS
150
120
90
60
30
1
2
5
10
20
50
100
TJ = 125
8.3ms SINGLE HALF SINCE-
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
210
200
160
120
80
40
0
1
2
5
20
50
100
200
500
UF1000F
UF1008F
REVERSE VOLTAGE, VOLTS
80
40
20
10
3.0
1.0
0.3
0.1
0.03
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.8
UF1000F
UF1008F
FORWARD VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-TYPICAL FORWARD CHARACTERISTICS
UF1000F~UF1008F
http://www.yeashin.com
2
REV.02 20110725
°C
°C
°C
°C


Podobny numer części - UF1000F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1000F WTE-UF1000F Datasheet
44Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000F WTE-UF1000F Datasheet
49Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1000F PANJIT-UF1000F Datasheet
78Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF1000F CHENG-YI-UF1000F Datasheet
181Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
More results

Podobny opis - UF1000F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yea Shin Technology Co....
UF1000 YEASHIN-UF1000 Datasheet
75Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF600 PANJIT-UF600 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
GBU10A PANJIT-GBU10A Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
GBJ10A PANJIT-GBJ10A Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF800F PANJIT-UF800F Datasheet
74Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
10A05 DAESAN-10A05 Datasheet
309Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com