Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML2036 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części ML2036
Szczegółowy opis  Serial Input Programmable Sine Wave Generator with Digital Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2036 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  ML2036 Datasheet HTML 1Page - Fairchild Semiconductor ML2036 Datasheet HTML 2Page - Fairchild Semiconductor ML2036 Datasheet HTML 3Page - Fairchild Semiconductor ML2036 Datasheet HTML 4Page - Fairchild Semiconductor ML2036 Datasheet HTML 5Page - Fairchild Semiconductor ML2036 Datasheet HTML 6Page - Fairchild Semiconductor ML2036 Datasheet HTML 7Page - Fairchild Semiconductor ML2036 Datasheet HTML 8Page - Fairchild Semiconductor ML2036 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.fairchildsemi.com
REV. 1.0.2 7/26/01
Features
• Programmable output frequency – DC to 50kHz
• Low gain error and total harmonic distortion
• 3-wire SPI compatible serial microprocessor interface
with double buffered data latch
• Fully integrated solution – no external components
required
• Frequency resolution of 1.5Hz (±0.75Hz) with a 12MHz
clock input
• Onboard 3 to 12MHz crystal oscillator
• Clock outputs of 1/2 or 1/8 of the input clock frequency
• Synchronous or asynchronous data loading capability
• Compatible with ML2004 logarithmic gain/attenuator
General Description
The ML2036 is a monolithic sine wave generator whose
output is programmable from DC to 50kHz. No external
components are required. The frequency of the sinewave
output is derived from either an external crystal or clock
input, providing a stable and accurate frequency reference.
The frequency is programmed by a 16-bit serial data word.
The ML2036 provides for a VOUT amplitude of either ±VREF
or ±VREF/2. Also included with the ML2036 is an inhibit
function which allows the sinewave output to be held at zero
volts after completing the last half cycle of the sine wave in
progress. Two digital clock outputs are provided to drive
other devices with one half or one eighth of the input clock
frequency.
The ML2036 is intended for telecommunications and
modem applications that need low cost and accurate genera-
tion of precise test tones, call progress tones, and signaling
tones.
Block Diagram (Pin configuration shown for 14-Pin PDIP Version)
CLK OUT 2
CLK OUT 1
VOUT
LATI
SCK
SID
7
5
3
10
8-BIT
DAC
PHASE
ACCUMULATOR
& 512 POINT
SINE LOOK-UP
TABLE
8
16
16
16-BIT DATA LATCH
16-BIT SHIFT REGISTER
CRYSTAL
OSCILLATOR
÷2
CLK IN
14
AGND
11
VCC
8
12
-
+
5k
5k
ZERO
DETECT
SMOOTHING
FILTER
÷2
÷2
4
3
DGND
VSS
1
2
PDN-INH
VREF
9
GAIN
13
ML2036
Serial Input Programmable Sine Wave Generator
with Digital Gain Control


Podobny numer części - ML2036

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036CP MICRO-LINEAR-ML2036CP Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036CS MICRO-LINEAR-ML2036CS Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036IP MICRO-LINEAR-ML2036IP Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036IS MICRO-LINEAR-ML2036IS Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
More results

Podobny opis - ML2036

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
IK Semicon Co., Ltd
IK6501 IKSEMICON-IK6501 Datasheet
2Mb / 20P
   Sine-wave PWM control
IK6501-01 IKSEMICON-IK6501-01 Datasheet
2Mb / 20P
   Sine-wave PWM control
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com