Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML4818 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części ML4818
Szczegółowy opis  Phase Modulation/Soft Switching Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4818 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  ML4818 Datasheet HTML 1Page - Fairchild Semiconductor ML4818 Datasheet HTML 2Page - Fairchild Semiconductor ML4818 Datasheet HTML 3Page - Fairchild Semiconductor ML4818 Datasheet HTML 4Page - Fairchild Semiconductor ML4818 Datasheet HTML 5Page - Fairchild Semiconductor ML4818 Datasheet HTML 6Page - Fairchild Semiconductor ML4818 Datasheet HTML 7Page - Fairchild Semiconductor ML4818 Datasheet HTML 8Page - Fairchild Semiconductor ML4818 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ML4818
PRODUCT SPECIFICATION
2
REV. 1.0.3 6/21/01
Pin Configuration
Pin Description
Pin
Name
Function
1
GND
Ground
2CT
Timing capacitor for oscillator
3
RAMP
Non-inverting input to main comparator. Connected to current sense resistor for
current mode
4ILIM
Current limit sense pin. Normally connected to current sense resistor
5
E/A OUT
Output of error amplifier and input to PWM comparator
6,7
GND
Ground and substrate
8
INV
Inverting input to error amp
9
SOFT START
Normally connected to soft start capacitor
10
SHUTDOWN
Pulling this pin low puts the IC into a power down mode and turns off all outputs.
This pin is internally pulled up to VREF.
11
RT
Resistor which sets discharge current for oscillator timing capacitor
12
RCRESET
Timing elements for Integrating fault detection and reset delay circuits
13
CLOCK
Oscillator output
14
RDELAY
Resistor to ground on this pin programs the amount of delay from the time an
output turns off until its complementary output turns on
15
GND
Ground
16
A2 OUT
High current totem pole output A1
17
A1 OUT
High current totem pole output A2
18,19
GND
Ground and substrate
20
VCC
Positive supply for the IC
21
B2 OUT
High current totem pole output B1
22
B1 OUT
High current totem pole output B2
23
GND
Ground
24
VREF
Buffered output for the 5V voltage reference
VREF
GND
B1 OUT
B2 OUT
VCC
GND
GND
A1 OUT
A2 OUT
GND
RDELAY
CLOCK
GND
CT
RAMP
ILIM
E/A OUT
GND
GND
INV
SOFT START
SHUTDOWN
RT
RCRESET
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24-Pin Power DIP (P24)


Podobny numer części - ML4818

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
ML4818CP MICRO-LINEAR-ML4818CP Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
ML4818CS MICRO-LINEAR-ML4818CS Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
More results

Podobny opis - ML4818

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
ML4828 MICRO-LINEAR-ML4828 Datasheet
187Kb / 11P
   BiCMOS Phase Modulation/Soft Switching Controller
logo
Linear Technology
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
List of Unclassifed Man...
ATLD201V1 ETC2-ATLD201V1 Datasheet
41Kb / 5P
   Dual Mode 30MHz Modulation Laser Controller
logo
Mitel Networks Corporat...
SA866AE MITEL-SA866AE Datasheet
1Mb / 24P
   3-PHASE PULSE WIDTH MODULATION ENGINE
logo
KODENSHI_AUK CORP.
PS117E-1 KODENSHI-PS117E-1 Datasheet
146Kb / 2P
   Exterior light endure by phase-modulation
PS119E-1 KODENSHI-PS119E-1 Datasheet
138Kb / 2P
   Exterior light endure by phase-modulation
PS122GD4-A KODENSHI-PS122GD4-A Datasheet
155Kb / 2P
   Exterior light endure by phase-modulation
PS133GD1 KODENSHI-PS133GD1 Datasheet
160Kb / 2P
   Exterior light endure by phase-modulation
PS181EL1-S KODENSHI-PS181EL1-S Datasheet
178Kb / 2P
   Exterior light endure by phase-modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com