Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML4819CP Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części ML4819CP
Szczegółowy opis  Power Factor and PWM Controller ?쏞ombo?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4819CP Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button ML4819CP Datasheet HTML 4Page - Fairchild Semiconductor ML4819CP Datasheet HTML 5Page - Fairchild Semiconductor ML4819CP Datasheet HTML 6Page - Fairchild Semiconductor ML4819CP Datasheet HTML 7Page - Fairchild Semiconductor ML4819CP Datasheet HTML 8Page - Fairchild Semiconductor ML4819CP Datasheet HTML 9Page - Fairchild Semiconductor ML4819CP Datasheet HTML 10Page - Fairchild Semiconductor ML4819CP Datasheet HTML 11Page - Fairchild Semiconductor ML4819CP Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ML4819
8
REV. 1.0 10/10/2000
APPLICATIONS
POWER FACTOR SECTION
The power factor section in the ML4819 is similar to the
power factor section in the ML4812 with the exception of
the operation of the slope compensation circuit. Please
refer to the ML4812 data sheet for more information.
The following calculations refer to Figure 12 in this data
sheet. The component designators in the equations below
refer to the following components in Figure 12:
RT = R16, CT = C6.
INPUT INDUCTOR (L1) SELECTION
The central component in the regulator is the input boost
inductor. The value of this inductor controls various
critical operational aspects of the regulator. If the value is
too low, the input current distortion will be high and will
result in low power factor and increased noise at the
input. This will require more input filtering. In addition,
when the value of the inductor is low the inductor dries
out (runs out of current) at low currents. Thus the power
factor will decrease at lower power levels and/or higher
line voltages. If the inductor value is too high, then for a
given operating current the required size of the inductor
core will be large and/or the required number of turns will
be high. So a balance must be reached between distortion
and core size.
One more condition where the inductor can dry out is
analyzed below where it is shown to be maximum duty
cycle dependent.
For the boost converter at steady state:
V
V
D
OUT
IN
ON
=
1
(1)
Where DON is the duty cycle [TON/(TON + TOFF)]. The
input boost inductor will dry out when the following
condition is satisfied:
(2)
or
VD
V
INDRY
ON MAX
OUT
=−
[]×
1
()
(3)
VINDRY: Voltage where the inductor dries out.
VOUT: Output dc voltage.
Effectively, the above relationship shows that the resetting
volt-seconds are more than setting volt-seconds. In energy
transfer terms this means that less energy is stored in the
inductor during the ON time than it is asked to deliver during
the OFF time. The net result is that the inductor dries out.
The recommended maximum duty cycle is 95% at
100KHz to allow time for the input inductor to dump its
energy to the output capacitors.
For example:
if: VOUT = 380V and
DON(MAX) = 0.95
then substituting in (3) yields VINDRY = 20V. The effect of
drying out is an increase in distortion at low input voltages.
For a given output power, the instantaneous value of the
input current is a function of the input sinusoidal voltage
waveform. As the input voltage sweeps from zero volts to
its maximum value and back, so does the current.
The load of the power factor regulator is usually a
switching power supply which is essentially a constant
power load. As a result, an increase in the input voltage
will be offset by a decrease in the input current.
By combining the ideas set forth above, some ground
rules can be obtained for the selection and design of the
input inductor:
Step 1: Find minimum operating current.
I
P
V
IN MIN PEAK
IN MIN
IN MAX
()
()
()
.
=
×
1 414
(4)
VIN(MAX) = 260V
PIN(MIN) = 50W
then:
IIN(MIN)PEAK = 0.272A
Step 2: Choose a minimum current at which point the
inductor current will be on the verge of drying
out. For this example 40% of the peak current
found in step 1 was chosen.
VCC = 15V
TA = 25 C
0
–4.0
–8.0
–12
–16
–20
–24
0
20
40
60
80
100
120
IREF, REFERENCE SOURCE CURRENT (mA)
Figure 11. Reference Load Regulation
Vt
V
D
IN
OUT
ON MAX
()
()
<× −
[]
1


Podobny numer części - ML4819CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML4819CP MICRO-LINEAR-ML4819CP Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
More results

Podobny opis - ML4819CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1509 LINER-LT1509 Datasheet
348Kb / 16P
   Power Factor and PWM Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com