Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML4821CP Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części ML4821CP
Szczegółowy opis  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4821CP Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  ML4821CP Datasheet HTML 1Page - Fairchild Semiconductor ML4821CP Datasheet HTML 2Page - Fairchild Semiconductor ML4821CP Datasheet HTML 3Page - Fairchild Semiconductor ML4821CP Datasheet HTML 4Page - Fairchild Semiconductor ML4821CP Datasheet HTML 5Page - Fairchild Semiconductor ML4821CP Datasheet HTML 6Page - Fairchild Semiconductor ML4821CP Datasheet HTML 7Page - Fairchild Semiconductor ML4821CP Datasheet HTML 8Page - Fairchild Semiconductor ML4821CP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.fairchildsemi.com
REV. 1.0.2 6/19/01
Features
• Average current sensing for lowest possible harmonic
distortion
• Average line compensation with brown-out control
• Precision buffered 5V reference
• 1A peak current totem-pole output drive
• Overvoltage comparator eliminates output “runaway” due
to load removal
• Wide common mode range in current sense comparators
for better noise immunity
• Large oscillator amplitude for better noise immunity
• Output driver internally limited to 17V
• “Sleep mode” shutdown input
General Description
The ML4821 provides complete control for a “boost” type
power factor correction system using the average current
sensing method. Special care has been taken in the design of
the ML4821 to increase system noise immunity. The circuit
includes a precision reference, gain modulator, average
current error amplifier, output error amplifier, over-voltage
protection comparator, shutdown logic, as well as a high
current output. In addition, start-up is simplified by an under-
voltage lockout circuit.
In a typical application, the ML4821 controls the AC input
current by adjusting the pulse width of the output MOSFET.
This modulates the line current so that its shape conforms to
the shape of the input voltage. The reference for the current
regulator is a product of the sinusoidal line voltage times the
output of the error amplifier which is regulating the output
DC voltage. Average line voltage compensation is provided
in the gain modulator to ensure constant loop gain over a
wide input voltage range. This compensation includes a
special “brown-out” control which reduces output power
below 90V RMS input.
Block Diagram
11
1
2
3
4
5
8
6
7
9
16
18
15
14
13
12
10
17
+
+
+
+
+
+
VREF
SOFT START
VREF
EA–
EA OUT
VRMS
ISINE
OUT
GAIN
MODULATOR
IA–
IA+
IA OUT
ILIM
OVP
VREF
0.7V
R
S
Q
UNDER
VOLTAGE
LOCKOUT
OSC
VREF
VLIMIT
17V
GND
VCC
OUT
PGND
RT
SYNC
CT
SLEEP
ML4821
Power Factor Controller


Podobny numer części - ML4821CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML4821CP MICRO-LINEAR-ML4821CP Datasheet
177Kb / 12P
   Power Factor Controller
More results

Podobny opis - ML4821CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com