Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML4821CS Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części ML4821CS
Szczegółowy opis  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4821CS Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button ML4821CS Datasheet HTML 3Page - Fairchild Semiconductor ML4821CS Datasheet HTML 4Page - Fairchild Semiconductor ML4821CS Datasheet HTML 5Page - Fairchild Semiconductor ML4821CS Datasheet HTML 6Page - Fairchild Semiconductor ML4821CS Datasheet HTML 7Page - Fairchild Semiconductor ML4821CS Datasheet HTML 8Page - Fairchild Semiconductor ML4821CS Datasheet HTML 9Page - Fairchild Semiconductor ML4821CS Datasheet HTML 10Page - Fairchild Semiconductor ML4821CS Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRODUCT SPECIFICATION
ML4821
REV. 1.0.2 6/19/01
7
Figure 3. Error and Current Amplifier Configuration
Figure 4. Error Amplifier Open-loop Gain and
Phase vs. Frequency.
6
7
9
+
S.S
INV
+8V
VREF
+8V
6.2k
EA OUT
VCC = 15V
VO = 1.0V TO 5.0V
RL = 100k
TA= 25
°C
GAIN
PHASE
100
80
60
40
20
0
–20
10
100
1.0k
10k
100k
1.0M
10M
0
–30
60
90
120
150
180
f, FREQUENCY (Hz)
Figure 5. Output Saturation Voltage vs. Output Current.
Figure 6. K-factor. Gain Modulator gain with respect to
the voltage at VRMS.
SOURCE
SATURATION
VCC
TA = 25
°C
TA = –55
°C
TA = –55
°C
TA = 25
°C
VCC = 15V
80
µs PULSED
LOAD
SINK
SATURATION
GND
0
.0
2.0
3.0
2.0
.0
0
0
200
400
600
800
IO, OUTPUT LOAD CURRENT (mA)
0.5
0.4
0.3
0.2
0.1
0
135
7
46
0
85VAC
0.23
DESIGN
FOR
NORMAL
OPERATIONS
THIS IS THE MINIMUM
OPERATING
VOLTAGE POINT
THIS GAIN CURVE TAKES
OUT THE 1/(VIN)2
DEPENDENCY OF THE
VOLTAGE CONTROL LOOP
120VAC
OPERATING BOUNDRY
220VAC
K
2
VRMS
DESIGN
FOR
BROWNOUT
The output of the gain modulator is a current which appears
on IA+ to form the reference for the current error amplifier
and is given as:
IGM = K
× ISINE × (VEA – 0.8)
where:
ISINE is the current in the dropping resistor, VEA is the
output of the error amplifier and K is a constant deter-
mined by the VRMS input.
The output current of the gain modulator is limited to:
This sets the system current limit.The multiplier output
current is converted into the reference voltage for the current
(IA) amplifier through a resistor to ground on IA+.
Figure 6 shows the gain adjustor (K) with respect to the
voltage at VRMS. The curve has been separated in two parts.
The right hand part is for operation under normal conditions
in the voltage range from minimum line voltage to maximum
line voltage (90VAC to 260VAC). 85VAC on the curve has
been chosen to account for tolerances. Under normal operat-
ing conditions as input voltage decreases the gain increases
compensating for the drop in the loop gain.
Under brownout conditions (below 85VAC) the gain
decreases to limit the amount of current that is drawn from
the line thus preventing an overload condition. This is a very
useful feature since in many cases the load for a PFC is a
constant power load. The input current has to go high to
compensate for a drop in the input voltage.
I
GM MAX
()
2.5
R
T
--------
=


Podobny numer części - ML4821CS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML4821CS MICRO-LINEAR-ML4821CS Datasheet
177Kb / 12P
   Power Factor Controller
More results

Podobny opis - ML4821CS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com