Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

80-190612-3S Arkusz danych(PDF) 8 Page - Amphenol Corporation

Numer części 80-190612-3S
Szczegółowy opis  Type Standard Cylindrical Connectors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

80-190612-3S Arkusz danych(HTML) 8 Page - Amphenol Corporation

Back Button 80-190612-3S Datasheet HTML 4Page - Amphenol Corporation 80-190612-3S Datasheet HTML 5Page - Amphenol Corporation 80-190612-3S Datasheet HTML 6Page - Amphenol Corporation 80-190612-3S Datasheet HTML 7Page - Amphenol Corporation 80-190612-3S Datasheet HTML 8Page - Amphenol Corporation 80-190612-3S Datasheet HTML 9Page - Amphenol Corporation 80-190612-3S Datasheet HTML 10Page - Amphenol Corporation 80-190612-3S Datasheet HTML 11Page - Amphenol Corporation 80-190612-3S Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
7
SR
T
4 Holes
S
R
B
M
K
Z
A
Thread
L
N
Shell
Size
A
Thread
Class 2A
B
Min
Full
Thread
K
+.020
–.010
L
+.000
–.010
M
+.010
–.000
N
Dia.
+.010
–.000
R
±.005
S
±.031
T
Dia.
+.004
–.002
Z
+.050
–.060
8S
.5000-28UNEF
.391
.672
.297
.562
.375
.594
.875
.120
.422
10S
.6250-24NEF
.391
.672
.297
.562
.500
.719
1.000
.120
.422
10SL
.6250-24NEF
.391
.672
.297
.562
.625
.719
1.000
.120
.422
12S
.7500-20UNEF
.450
.672
.297
.562
.625
.812
1.094
.120
.422
12
.7500-20UNEF
.625
.860
.484
.750
.625
.812
1.094
.120
.672
14S
.8750-20UNEF
.450
.672
.297
.562
.750
.906
1.188
.120
.422
14
.8750-20UNEF
.625
.860
.484
.750
.750
.906
1.188
.120
.672
16S
1.0000-20UNEF
.450
.672
.297
.562
.875
.969
1.281
.120
.422
16
1.0000-20UNEF
.625
.860
.484
.750
.875
.969
1.281
.120
.672
18
1.1250-18NEF
.625
.891
.453
.750
1.000
1.062
1.375
.120
.641*
20
1.2500-18NEF
.625
.891
.453
.750
1.125
1.156
1.500
.120
.641*
22
1.3750-18NEF
.625
.891
.453
.750
1.250
1.250
1.625
.120
.641*
24
1.5000-18NEF
.625
.953
.453
.812
1.375
1.375
1.750
.147
.578
28
1.7500-18NS
.625
.953
.453
.812
1.625
1.562
2.000
.147
.578*
32
2.0000-18NS
.625
1.031
.438
.875
1.875
1.750
2.250
.173
.500*
36
2.2500-16UN
.625
1.031
.438
.875
2.062
1.938
2.500
.173
.500*
40
2.5000-16UN
.625
1.031
.438
.875
2.312
2.188
2.750
.173
.500*
44***
2.7500-16UN
.625
1.063
.543†
.875
2.594
2.375
3.000††
.173
.768**
48***
3.0000-16UN
.625
1.063
.543†
.875
2.812
2.625
3.250††
.209
.769**
MS/Standard
MS3102A or C
box mounting receptacle
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
* Increase Z dimension by .312 for size “0” contact only.
** Increase Z dimension by .062 for size “0” contact only.
*** Available in proprietary version only.
† +.020 –.030
†† ±.020


Podobny numer części - 80-190612-3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
80-190612-3H AMPHENOL-80-190612-3H Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
More results

Podobny opis - 80-190612-3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com