Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TAZH686M006CRSB0H00 Arkusz danych(PDF) 11 Page - AVX Corporation

Numer części TAZH686M006CRSB0H00
Szczegółowy opis  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVX [AVX Corporation]
Strona internetowa  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686M006CRSB0H00 Arkusz danych(HTML) 11 Page - AVX Corporation

Back Button TAZH686M006CRSB0H00 Datasheet HTML 7Page - AVX Corporation TAZH686M006CRSB0H00 Datasheet HTML 8Page - AVX Corporation TAZH686M006CRSB0H00 Datasheet HTML 9Page - AVX Corporation TAZH686M006CRSB0H00 Datasheet HTML 10Page - AVX Corporation TAZH686M006CRSB0H00 Datasheet HTML 11Page - AVX Corporation TAZH686M006CRSB0H00 Datasheet HTML 12Page - AVX Corporation TAZH686M006CRSB0H00 Datasheet HTML 13Page - AVX Corporation TAZH686M006CRSB0H00 Datasheet HTML 14Page - AVX Corporation TAZH686M006CRSB0H00 Datasheet HTML 15Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
JUNE 2013
17
TAZ Series
CWR29 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR29 P/N
AVX MIL & COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR29C^225*@A+
TAZ A 225 * 004 L # @ 0 ^ ++ TAZ A 225 * 004 L L @ 9 ^ ++
A
2.2
4
4
1
10
12
6
8
8
0.050
0.11
0.10
0.04
0.45
0.40
0.18
CWR29C^335*@A+
TAZ A 335 * 004 L # @ 0 ^ ++ TAZ A 335 * 004 L L @ 9 ^ ++
A
3.3
4
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29C^475*@A+
TAZ A 475 * 004 L # @ 0 ^ ++ TAZ A 475 * 004 L L @ 9 ^ ++
A
4.7
4
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29C^475*@B+
TAZ B 475 * 004 L # @ 0 ^ ++ TAZ B 475 * 004 L L @ 9 ^ ++
B
4.7
4
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29C^685*@A+
TAZ A 685 * 004 L # @ 0 ^ ++ TAZ A 685 * 004 L L @ 9 ^ ++
A
6.8
4
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29C^685*@C+
TAZ C 685 * 004 L # @ 0 ^ ++ TAZ C 685 * 004 L L @ 9 ^ ++
C
6.8
4
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29C^106*@B+
TAZ B 106 * 004 L # @ 0 ^ ++ TAZ B 106 * 004 L L @ 9 ^ ++
B
10
4
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29C^106*@D+
TAZ D 106 * 004 L # @ 0 ^ ++ TAZ D 106 * 004 L L @ 9 ^ ++
D
10
4
1.3
1
10
12
8
8
10
0.080
0.25
0.22
0.10
0.32
0.29
0.13
CWR29C^156*@B+
TAZ B 156 * 004 L # @ 0 ^ ++ TAZ B 156 * 004 L L @ 9 ^ ++
B
15
4
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29C^156*@E+
TAZ E 156 * 004 L # @ 0 ^ ++ TAZ E 156 * 004 L L @ 9 ^ ++
E
15
4
1
1
10
12
8
10
12
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29C^226*@B+
TAZ B 226 * 004 L # @ 0 ^ ++ TAZ B 226 * 004 L L @ 9 ^ ++
B
22
4
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29C^226*@D+
TAZ D 226 * 004 L # @ 0 ^ ++ TAZ D 226 * 004 L L @ 9 ^ ++
D
22
4
1.3
1
10
12
8
10
12
0.080
0.25
0.22
0.10
0.32
0.29
0.13
CWR29C^336*@D+
TAZ D 336 * 004 L # @ 0 ^ ++ TAZ D 336 * 004 L L @ 9 ^ ++
D
33
4
1.3
2
20
24
8
10
12
0.080
0.25
0.22
0.10
0.32
0.29
0.13
CWR29C^336*@E+
TAZ E 336 * 004 L # @ 0 ^ ++ TAZ E 336 * 004 L L @ 9 ^ ++
E
33
4
0.9
2
20
24
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29C^336*@F+
TAZ F 336 * 004 L # @ 0 ^ ++ TAZ F 336 * 004 L L @ 9 ^ ++
F
33
4
0.6
2
20
24
8
10
12
0.100
0.41
0.37
0.16
0.24
0.22
0.10
CWR29C^476*@E+
TAZ E 476 * 004 L # @ 0 ^ ++ TAZ E 476 * 004 L L @ 9 ^ ++
E
47
4
0.9
2
20
24
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29C^686*@E+
TAZ E 686 * 004 L # @ 0 ^ ++ TAZ E 686 * 004 L L @ 9 ^ ++
E
68
4
0.9
3
30
36
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29C^686*@G+
TAZ G 686 * 004 L # @ 0 ^ ++ TAZ G 686 * 004 L L @ 9 ^ ++
G
68
4
0.275
3
30
36
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29C^107*@F+
TAZ F 107 * 004 L # @ 0 ^ ++ TAZ F 107 * 004 L L @ 9 ^ ++
F
100
4
0.55
4
40
48
10
12
12
0.100
0.43
0.38
0.17
0.23
0.21
0.09
CWR29C^107*@H+
TAZ H 107 * 004 L # @ 0 ^ ++ TAZ H 107 * 004 L L @ 9 ^ ++
H
100
4
0.18
4
40
48
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29C^157*@G+
TAZ G 157 * 004 L # @ 0 ^ ++ TAZ G 157 * 004 L L @ 9 ^ ++
G
150
4
0.25
6
60
72
10
12
12
0.125
0.71
0.64
0.28
0.18
0.16
0.07
CWR29C^227*@H+
TAZ H 227 * 004 L # @ 0 ^ ++ TAZ H 227 * 004 L L @ 9 ^ ++
H
220
4
0.2
8
80
96
10
12
12
0.150
0.87
0.78
0.35
0.17
0.16
0.07
CWR29C^337*@H+
TAZ H 337 * 004 L # @ 0 ^ ++ TAZ H 337 * 004 L L @ 9 ^ ++
H
330
4
0.18
10
100
120
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29D^155*@A+
TAZ A 155 * 006 L # @ 0 ^ ++ TAZ A 155 * 006 L L @ 9 ^ ++
A
1.5
6
4
1
10
12
6
8
8
0.050
0.11
0.10
0.04
0.45
0.40
0.18
CWR29D^335*@A+
TAZ A 335 * 006 L # @ 0 ^ ++ TAZ A 335 * 006 L L @ 9 ^ ++
A
3.3
6
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29D^335*@B+
TAZ B 335 * 006 L # @ 0 ^ ++ TAZ B 335 * 006 L L @ 9 ^ ++
B
3.3
6
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29D^475*@A+
TAZ A 475 * 006 L # @ 0 ^ ++ TAZ A 475 * 006 L L @ 9 ^ ++
A
4.7
6
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29D^475*@C+
TAZ C 475 * 006 L # @ 0 ^ ++ TAZ C 475 * 006 L L @ 9 ^ ++
C
4.7
6
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29D^685*@B+
TAZ B 685 * 006 L # @ 0 ^ ++ TAZ B 685 * 006 L L @ 9 ^ ++
B
6.8
6
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29D^685*@D+
TAZ D 685 * 006 L # @ 0 ^ ++ TAZ D 685 * 006 L L @ 9 ^ ++
D
6.8
6
1.5
1
10
12
6
8
8
0.080
0.23
0.21
0.09
0.35
0.31
0.14
CWR29D^106*@B+
TAZ B 106 * 006 L # @ 0 ^ ++ TAZ B 106 * 006 L L @ 9 ^ ++
B
10
6
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29D^106*@E+
TAZ E 106 * 006 L # @ 0 ^ ++ TAZ E 106 * 006 L L @ 9 ^ ++
E
10
6
1
1
10
12
8
10
12
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29D^156*@B+
TAZ B 156 * 006 L # @ 0 ^ ++ TAZ B 156 * 006 L L @ 9 ^ ++
B
15
6
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29D^156*@D+
TAZ D 156 * 006 L # @ 0 ^ ++ TAZ D 156 * 006 L L @ 9 ^ ++
D
15
6
1.7
1
10
12
8
10
12
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29D^156*@E+
TAZ E 156 * 006 L # @ 0 ^ ++ TAZ E 156 * 006 L L @ 9 ^ ++
E
15
6
0.9
1
10
12
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29D^226*@D+
TAZ D 226 * 006 L # @ 0 ^ ++ TAZ D 226 * 006 L L @ 9 ^ ++
D
22
6
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29D^226*@E+
TAZ E 226 * 006 L # @ 0 ^ ++ TAZ E 226 * 006 L L @ 9 ^ ++
E
22
6
1
2
20
24
8
10
12
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29D^226*@F+
TAZ F 226 * 006 L # @ 0 ^ ++ TAZ F 226 * 006 L L @ 9 ^ ++
F
22
6
0.6
2
20
24
8
10
12
0.100
0.41
0.37
0.16
0.24
0.22
0.10
CWR29D^336*@E+
TAZ E 336 * 006 L # @ 0 ^ ++ TAZ E 336 * 006 L L @ 9 ^ ++
E
33
6
1
2
20
24
6
8
8
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29D^476*@F+
TAZ F 476 * 006 L # @ 0 ^ ++ TAZ F 476 * 006 L L @ 9 ^ ++
F
47
6
1
3
30
36
8
10
12
0.100
0.32
0.28
0.13
0.32
0.28
0.13
CWR29D^476*@G+
TAZ G 476 * 006 L # @ 0 ^ ++ TAZ G 476 * 006 L L @ 9 ^ ++
G
47
6
0.275
3
30
36
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29D^686*@F+
TAZ F 686 * 006 L # @ 0 ^ ++ TAZ F 686 * 006 L L @ 9 ^ ++
F
68
6
0.4
4
40
48
10
12
12
0.100
0.50
0.45
0.20
0.20
0.18
0.08
CWR29D^686*@G+
TAZ G 686 * 006 L # @ 0 ^ ++ TAZ G 686 * 006 L L @ 9 ^ ++
G
68
6
0.25
4
40
48
10
12
12
0.125
0.71
0.64
0.28
0.18
0.16
0.07
CWR29D^686*@H+
TAZ H 686 * 006 L # @ 0 ^ ++ TAZ H 686 * 006 L L @ 9 ^ ++
H
68
6
0.18
4
40
48
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29D^107*@G+
TAZ G 107 * 006 L # @ 0 ^ ++ TAZ G 107 * 006 L L @ 9 ^ ++
G
100
6
0.275
6
60
72
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29D^157*@G+
TAZ G 157 * 006 L # @ 0 ^ ++ TAZ G 157 * 006 L L @ 9 ^ ++
G
150
6
0.275
10
100
120
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29D^227*@H+
TAZ H 227 * 006 L # @ 0 ^ ++ TAZ H 227 * 006 L L @ 9 ^ ++
H
220
6
0.18
10
100
120
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29D^337*@H+
TAZ H 337 * 006 L # @ 0 ^ ++ TAZ H 337 * 006 L L @ 9 ^ ++
H
330
6
0.18
20
200
240
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29F^105*@A+
TAZ A 105 * 010 L # @ 0 ^ ++ TAZ A 105 * 010 L L @ 9 ^ ++
A
1
10
5
1
10
12
6
8
8
0.050
0.10
0.09
0.04
0.50
0.45
0.20
CWR29F^225*@A+
TAZ A 225 * 010 L # @ 0 ^ ++ TAZ A 225 * 010 L L @ 9 ^ ++
A
2.2
10
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29F^225*@B+
TAZ B 225 * 010 L # @ 0 ^ ++ TAZ B 225 * 010 L L @ 9 ^ ++
B
2.2
10
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29F^335*@A+
TAZ A 335 * 010 L # @ 0 ^ ++ TAZ A 335 * 010 L L @ 9 ^ ++
A
3.3
10
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29F^335*@C+
TAZ C 335 * 010 L # @ 0 ^ ++ TAZ C 335 * 010 L L @ 9 ^ ++
C
3.3
10
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29F^475*@B+
TAZ B 475 * 010 L # @ 0 ^ ++ TAZ B 475 * 010 L L @ 9 ^ ++
B
4.7
10
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29F^475*@C+
TAZ C 475 * 010 L # @ 0 ^ ++ TAZ C 475 * 010 L L @ 9 ^ ++
C
4.7
10
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Podobny numer części - TAZH686M006CRSB0H00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
TAZH107004C AVX-TAZH107004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
More results

Podobny opis - TAZH686M006CRSB0H00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ferroxcube Internationa...
CSV-RM4-1S-6P-TAZ FERROXCUBE-CSV-RM4-1S-6P-TAZ Datasheet
63Kb / 1P
   CSV-RM4-1S-6P-TAZ
logo
AVX Corporation
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com