Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT4851-Q100 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74HCT4851-Q100
Szczegółowy opis  8-channel analog multiplexer/demultiplexer with injection-current effect control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4851-Q100 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT4851-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HCT4851-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HCT4851-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HCT4851-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT4851-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT4851-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HCT4851-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HCT4851-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HCT4851-Q100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT4851_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 2 August 2012
8 of 21
NXP Semiconductors
74HC4851-Q100; 74HCT4851-Q100
8-channel analog multiplexer/demultiplexer with injection-current
effect control
IS(OFF)
OFF-state
leakage
current
E = VIH; VI = GND or VCC;
VO =VCC or GND;
VCC = 6.0 V; see Figure 6
per channel
-
-
0.1
-
0.5
-
1.0
A
all channels
-
-
0.2
-
2.0
-
4.0
A
IS(ON)
ON-state
leakage
current
E = VIL; VI = GND or VCC;
VO =VCC or GND;
VCC = 6.0 V; see Figure 7
--
0.1
-
0.5
-
1.0
A
ICC
supply
current
VI = GND or VCC;VCC = 6.0 V
-
-
2.0
-
5.0
-
20.0
A
CI
input
capacitance
S0, S1, S2 and E
-
2
10
-
10
-
10
pF
Csw
switch
capacitance
Z; OFF-state
-
15
40
-
40
-
40
pF
Yn; OFF-state
-
3
15
-
15
-
15
pF
74HCT4851-Q100
VIH
HIGH-level
input
voltage
control inputs
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input
voltage
control inputs
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
II
input
leakage
current
control inputs;
VI =GND or VCC
VCC = 5.5 V
-
-
0.1
-
0.1
-
1.0
A
IS(OFF)
OFF-state
leakage
current
E = VIH; VI = GND or VCC;
VO =VCC or GND;
VCC = 5.5 V; see Figure 6
per channel
-
-
0.1
-
0.5
-
1.0
A
all channels
-
-
0.2
-
2.0
-
4.0
A
IS(ON)
ON-state
leakage
current
E = VIL; VI = GND or VCC;
VO =VCC or GND;
VCC = 5.5 V; see Figure 7
--
0.1
-
0.5
-
1.0
A
ICC
supply
current
VI = GND or VCC
VCC = 5.5 V
-
-
2.0
-
5.0
-
20.0
A
I
CC
additional
supply
current
control inputs;
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
-
-
300
-
370
-
370
A
CI
input
capacitance
S0, S1, S2 and E
-
2
10
-
10
-
10
pF
Csw
switch
capacitance
Z; OFF-state
-
15
40
-
40
-
40
pF
Yn; OFF-state
-
3
15
-
15
-
15
pF
Table 8.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V);
25
C
40 C to +85 C 40 C to +125 C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit


Podobny numer części - 74HCT4851-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT4851-Q100 NEXPERIA-74HCT4851-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
More results

Podobny opis - 74HCT4851-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Nexperia B.V. All right...
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HC4851 NEXPERIA-74HC4851 Datasheet
310Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com