Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT4851PW-Q100 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT4851PW-Q100
Szczegółowy opis  8-channel analog multiplexer/demultiplexer with injection-current effect control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4851PW-Q100 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT4851PW-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HCT4851PW-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HCT4851PW-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HCT4851PW-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HCT4851PW-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HCT4851PW-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT4851PW-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT4851PW-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HCT4851PW-Q100 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
74HC_HCT4851_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 2 August 2012
6 of 21
NXP Semiconductors
74HC4851-Q100; 74HCT4851-Q100
8-channel analog multiplexer/demultiplexer with injection-current
effect control
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
74HC4851-Q100
74HCT4851-Q100
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
-
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VSW
switch voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
40
-
+125
40
-
+125
C
t/V
input transition rise and
fall rate
VCC = 2.0 V
-
6.0
1000
-
-
-
ns/V
VCC = 3.0 V
-
6.0
800
-
-
-
ns/V
VCC = 3.3 V
-
6.0
800
-
-
-
ns/V
VCC = 4.5 V
-
6.0
500
-
6.0
500
ns/V
VCC = 6.0 V
-
6.0
400
-
-
-
ns/V
Table 6.
RON (ON resistance)
At recommended operating conditions; voltages are referenced to GND (ground 0 V); For test circuit see Figure 8.
Symbol
Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4851-Q100
RON(peak) ON resistance
(peak)
VI = VCC to GND; E = VIL
VCC = 2.0 V; ISW = 2 mA
-
400
650
-
670
-
700
VCC = 3.0 V; ISW  2 mA
-
215
330
-
360
-
380
VCC = 3.3 V; ISW 2 mA
-
120
270
-
305
-
345
VCC = 4.5 V; ISW 2 mA
-
76
210
-
240
-
270
VCC = 6.0 V; ISW 2 mA
-
59
195
-
220
-
250
R
ON
ON resistance
mismatch
between
channels
VI = 0.5  VCC; E = VIL
VCC = 2.0 V; ISW = 2 mA
-
4
10
-
15
-
20
VCC = 3.0 V; ISW  2mA
-
2
8
-
12
-
16
VCC = 3.3 V; ISW 2mA
-
2
8
-
12
-
16
VCC = 4.5 V; ISW 2mA
-
2
8
-
12
-
16
VCC = 6.0 V; ISW 2mA
-
3
9
-
13
-
18
74HCT4851-Q100
RON(peak) ON resistance
(peak)
VI = VCC to GND; E = VIL
VCC = 4.5 V; ISW 2 mA
-
76
210
-
240
-
270
R
ON
ON resistance
mismatch
between
channels
VI = 0.5  VCC; E = VIL
VCC = 4.5 V; ISW 2mA
-
2
8
-
12
-
16


Podobny numer części - 74HCT4851PW-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT4851PW-Q100 NEXPERIA-74HCT4851PW-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
More results

Podobny opis - 74HCT4851PW-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Nexperia B.V. All right...
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HC4851 NEXPERIA-74HC4851 Datasheet
310Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com