Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1164-Z Arkusz danych(PDF) 1 Page - Renesas Technology Corp

Numer części 2SD1164-Z
Szczegółowy opis  SILICON POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1164-Z Arkusz danych(HTML) 1 Page - Renesas Technology Corp

  2SD1164-Z Datasheet HTML 1Page - Renesas Technology Corp 2SD1164-Z Datasheet HTML 2Page - Renesas Technology Corp 2SD1164-Z Datasheet HTML 3Page - Renesas Technology Corp 2SD1164-Z Datasheet HTML 4Page - Renesas Technology Corp 2SD1164-Z Datasheet HTML 5Page - Renesas Technology Corp 2SD1164-Z Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R07DS0254EJ0400 Rev.4.00
Page 1 of 4
Feb 24, 2011
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary Data Sheet
2SD1164-Z
SILICON POWER TRANSISTOR
DESCRIPTION
The 2SD1164-Z is designed for Low Frequency Amplifier and Switching, especially in Hybrid Integrated Circuits.
FEATURES
• High hFE = 2 000 to 30 000
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
150
V
Collector to Emitter Voltage
VCEO
60
V
Base to Emitter Voltage
VEBO
8.0
V
Collector Current (DC)
IC(DC)
2
A
Collector Current (pulse)
Note 1
IC(pulse)
4
A
Total Power Dissipation (TA = 25
°C)
Note 2
PT
2.0
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10 ms, Duty Cycle ≤ 50%
2. When mounted on ceramic substrate of 7.5 cm
2
× 0.7 mm
R07DS0254EJ0400
Rev.4.00
Feb 24, 2011
<R>


Podobny numer części - 2SD1164-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SD1164-Z NEC-2SD1164-Z Datasheet
228Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR MP-3
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z_15 Datasheet
1Mb / 6P
   SILICON POWER TRANSISTOR
More results

Podobny opis - 2SD1164-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
   SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SB1669 RENESAS-2SB1669_15 Datasheet
262Kb / 8P
   SILICON POWER TRANSISTOR
2SC2334 RENESAS-2SC2334_15 Datasheet
239Kb / 8P
   SILICON POWER TRANSISTOR
2SD2162 RENESAS-2SD2162_15 Datasheet
235Kb / 8P
   SILICON POWER TRANSISTOR
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
   Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
   Silicon Power Transistor
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
   SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
   SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
   SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
   SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com