Zakładka z wyszukiwarką danych komponentów |
|
8-147100-9 Arkusz danych(PDF) 11 Page - Tyco Electronics |
|
8-147100-9 Arkusz danych(HTML) 11 Page - Tyco Electronics |
11 / 98 page 191 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mod IV Surface Mount Receptacle Assemblies, Double-Row, .100 x .100 [2.54 x 2.54] Centerline AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Surface Mount,Double Row, Dual Entry End to End Stackable Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Phosphor bronze, plated as follows: Plating A — Duplex .000030 [0.00076] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating B — Duplex .000010 [0.000254] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating C — .000150-.000300 [0.00381-0.00762] tin-lead over .000050 [0.00127] nickel Related Product Data Mateable Headers — Refer to Mating Post Selection Guide — page 90 Performance Specifications — page 186 Technical Documents — page 276 Product Specification 108-25022 Application Specification 114-25018 Additional receptacle assembly sizes are available; minimum order quantities may apply. Consult Tyco Electronics. .050 [1.27] Max. .265 [6.73] Typ. A .027±.002 [0.69±0.05] Typ. .020 [0.51] Typ. .060 [1.52] Typ. .100 [2.54] Typ. .100 [2.54] Typ. .238 [6.05] Typ. .100 [2.54] Typ. .266 [6.75] .198±.002 [5.03±0.05] .090 [2.29] .148 [3.76] .107 [2.72] B .040 [1.02] Typ. .100 [2.54] Typ. .004 [0.10] Typ. Recommended PC Board Pad Layout (.008 [0.20] thick stencil) (for Bottom Entry and Pass Through applications) Part No. 86286-1 (Plugs into receptacle contact) Material — Natural color nylon Keying Plug Part No. 86286-1 (Plugs into receptacle contact) (Localized Gold Plate Area) Point of Contact |
Podobny numer części - 8-147100-9 |
|
Podobny opis - 8-147100-9 |