Zakładka z wyszukiwarką danych komponentów |
|
3-1734282-3 Arkusz danych(PDF) 5 Page - Tyco Electronics |
|
3-1734282-3 Arkusz danych(HTML) 5 Page - Tyco Electronics |
5 / 37 page 42 Catalog 82068 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 AMPLIMITE Subminiature D Connectors Plug/Receptacle Mating and Panel Mounting Specifications Plug/Receptacle Mating Panel Mounting The .265 [6.73] dimension is required to assure full mating of connector halves. This dimension must be taken into consideration when determining the method of mounting, panel thickness, etc. Cutout for Rear Mount and Short Latching Block Most plugs and receptacles can be mounted to a panel from either the front or rear, using a variety of accessory hardware. Posted receptacles are rear panel mounted only. Typical examples are shown below. Typical Front-Panel Mounted Subminiature D Plug Typical Rear-Panel Mounted Subminiature D Receptacle Shell Mounting Size Method Dimensions (Pos.) Front/Rear A BCD E F *H* *J* K Panel .984 .492 .874 .437 .513 .257 .083 1 Front 24.99 12.50 22.20 11.10 13.03 6.53 —— 2.11 (9) .984 .492 .806 .403 .449 .225 .550 .750 .132 Rear 24.99 12.50 20.47 10.24 11.41 5.72 13.97 19.05 3.35 1.312 .656 1.202 .601 .513 .257 .083 2 Front 33.33 16.66 30.53 15.27 13.03 6.53 —— 2.11 (15) 1.312 .656 1.134 .567 .449 .225 .730 .750 .132 Rear 33.33 16.66 28.80 14.40 11.41 5.72 18.54 19.05 3.35 1.852 .926 1.743 .872 .513 .257 .083 3 Front 47.04 23.52 44.27 22.15 13.03 6.53 —— 2.11 (25) 1.852 .926 1.674 .837 .449 .225 1.275 .750 .132 Rear 47.04 23.52 42.52 21.26 11.41 5.72 32.39 19.05 3.35 2.500 1.250 2.391 1.196 .513 .257 .083 4 Front 63.50 31.75 60.73 30.38 13.03 6.53 —— 2.11 (37) 2.500 1.250 2.326 1.163 .449 .225 1.920 .750 .132 Rear 63.50 31.75 59.08 29.54 11.41 5.72 46.05 16.13 3.35 2.406 1.203 2.297 1.149 .623 .312 .083 5 Front 61.11 30.56 58.34 29.19 15.82 7.93 —— 2.11 (50) 2.406 1.203 2.218 1.109 .555 .278 1.753 .750 .132 Rear 61.11 30.56 56.34 28.17 14.10 7.06 44.52 19.05 3.35 **Panel cutout configuration with H and J dimensions provides clearance for mounting connectors with cable clamps. **This dimension is .190±002 [4.83±0.05] when posted connectors with fixed female screwlocks are rear-panel mounted. Note: Cutouts are for either plug or receptacle, front or rear panel mount. .265±.015 [6.73±0.381] for Shell Sizes 1 and 2 .256±.015 [6.50±0.381] for Shell Sizes 3, 4 and 5 Receptacle (Typ.) 10°±2 (2 Pls.) K Radius (4 Pls.) .120±.002 Dia.** [3.05±0.050] Dia.** Typ. (2 Pls.) A B C D F E H* J* Plug (Typ.) A .040 Dia. [1.02] Dia. Typ. (2 Holes) .129 ± .002 [3.28± 0.050] |
Podobny numer części - 3-1734282-3 |
|
Podobny opis - 3-1734282-3 |