Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1851R Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD1851R
Szczegółowy opis  16-Bit/18-Bit, 16 3 FS PCM Audio DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1851R Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD1851R Datasheet HTML 2Page - Analog Devices AD1851R Datasheet HTML 3Page - Analog Devices AD1851R Datasheet HTML 4Page - Analog Devices AD1851R Datasheet HTML 5Page - Analog Devices AD1851R Datasheet HTML 6Page - Analog Devices AD1851R Datasheet HTML 7Page - Analog Devices AD1851R Datasheet HTML 8Page - Analog Devices AD1851R Datasheet HTML 9Page - Analog Devices AD1851R Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD1851/AD1861
REV. A
–6–
Analog Circuit Considerations
GROUNDING RECOMMENDATIONS
The AD1851/AD1861 has two ground pins, designated Analog
and Digital ground. The analog ground pin is the “high quality”
ground reference point for the device. The analog ground pin
should be connected to the analog common point in the system.
The output load should also be connected to that same point.
The digital ground pin returns ground current from the digital
logic portions of the AD1851/AD1861 circuitry. This pin
should be connected to the digital common point in the system.
As illustrated in Figure 2, the analog and digital grounds should
be connected together at one point in the system.
DGND
AGND
5V
+
AD1851/AD1861
5V
ANALOG
GROUND
DIGITAL
GROUND
3
16
1
2
12
+5V
+VL
+VS
–VS
Figure 2. Recommended Circuit Schematic
POWER SUPPLIES AND DECOUPLING
The AD1851/AD1861 has three power supply input pins. The
±V
S supplies provide the supply voltages to operate the linear
portions of the DAC including the voltage reference, output am-
plifier and control amplifier. The
±V
S supplies are designed to
operate at
±5 V.
The +VL supply operates the digital portions of the chip includ-
ing the input shift register and the input latching circuitry. The
+VL supply is designed to operate at +5 V.
Decoupling capacitors should be used on all power supply pins.
Furthermore, good engineering practice suggests that these ca-
pacitors be placed as close as possible to the package pins as
well as to the common points. The logic supply, +VL, should be
decoupled to digital common, while the analog supplies,
±V
S,
should be decoupled to analog common.
The use of three separate power supplies will reduce feedthrough
from the digital portion of the system to the linear portion of the
system, thus contributing to improved performance.
However, three separate voltage supplies are not necessary for
good circuit performance. For example, Figure 3 illustrates a
system where only a single positive and a single negative supply
are available.
In this example, the positive logic and positive analog supplies
must both be connected to +5 V, while the negative analog sup-
ply will be connected to –5 V. Performance would benefit from
a measure of isolation between the supplies introduced by using
simple low pass filters in the individual power supply leads.
+VL
DGND
AGND
AD1851/AD1861
ANALOG
GROUND
DIGITAL
GROUND
3
16
1
2
12
+VS
–VS
–5V
+5V
+5V
Figure 3. Alternate Recommended Schematic
As with most linear circuits, changes in the power supplies will
affect the output of the DAC. Analog Devices recommends that
well regulated power supplies with less than 1% ripple be incor-
porated into the design of any system using the AD1851/AD1861.
OPTIONAL MSB ADJUSTMENT
Use of an optional adjustment circuit allows residual differential
linearity error around midscale to be eliminated. This error is
especially important when low amplitude signals are being re-
produced. In those cases, as the signal amplitude decreases, the
ratio of the midscale differential linearity error to the signal am-
plitude increases, thereby increasing THD.
Therefore, for best performance at low output levels, the op-
tional MSB adjust circuitry shown in Figure 4 may be used to
improve performance. The adjustment should be made with a
small signal input (–20 dB or –60 dB).
15
14
1
TRIM
470k
100k
200k
MSB
ADJUST
–VS
Figure 4. Optional THD Adjust Circuit


Podobny numer części - AD1851R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1851R AD-AD1851R Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851R AD-AD1851R Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1851R-J AD-AD1851R-J Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851R-J AD-AD1851R-J Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
More results

Podobny opis - AD1851R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1861 AD-AD1861_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16FS PCM Audio DACs
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
   16-Bit DACs with 16-Channel
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com