Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1866N Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD1866N
Szczegółowy opis  Single Supply Dual 16-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1866N Arkusz danych(HTML) 4 Page - Analog Devices

  AD1866N Datasheet HTML 1Page - Analog Devices AD1866N Datasheet HTML 2Page - Analog Devices AD1866N Datasheet HTML 3Page - Analog Devices AD1866N Datasheet HTML 4Page - Analog Devices AD1866N Datasheet HTML 5Page - Analog Devices AD1866N Datasheet HTML 6Page - Analog Devices AD1866N Datasheet HTML 7Page - Analog Devices AD1866N Datasheet HTML 8Page - Analog Devices AD1866N Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD1866
REV. 0
–4–
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6 V
VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . –0.3 V to VL
Soldering (10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1866 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
LL
DL
CLK
DR
LR
DGND
V
L
NRL
AGND
NRR
VS
1
2
3
4
5
6
7
8
9
10
12
13
14
15
11
16
AD1866
16-BIT
DAC
16-BIT
DAC
16-BIT
SERIAL
REGISTER
16-BIT
SERIAL
REGISTER
VBL
VOR
VS
VBR
V
REF
V
REF
VOL
PIN DESIGNATIONS
Pin
Mnemonic
Description
11VL
Digital Supply (+5 V)
12
LL
Left Channel Latch Enable Pin
13
DL
Left Channel Data Input Pin
14
CLK
Clock Input Pin
15
DR
Right Channel Data Input Pin
16
LR
Right Channel Latch Enable Pin
17
DGND
Digital Common Pin
18VBR
Right Channel Bias Pin
19VS
Analog Supply (+5 V)
10
VOR
Right Channel Output Pin
11
NRR
Right Channel Noise Reduction Pin
12
AGND
Analog Common Pin
13
NRL
Left Channel Noise Reduction Pin
14
VOL
Left Channel Output Pin
15
VS
Analog Supply (+5 V)
16
VBL
Left Channel Bias Pin
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD1866N
–35
°C to +85°C
Plastic DIP
N-16
AD1866R
–35
°C to +85°C
SOIC
R-16
AD1866R-REEL
–35
°C to +85°C
SOIC
R-16


Podobny numer części - AD1866N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1866N AD-AD1866N Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
More results

Podobny opis - AD1866N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com