Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8038AR-REEL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8038AR-REEL
Szczegółowy opis  Low Power, 350 MHz Voltage Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8038AR-REEL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8038AR-REEL Datasheet HTML 5Page - Analog Devices AD8038AR-REEL Datasheet HTML 6Page - Analog Devices AD8038AR-REEL Datasheet HTML 7Page - Analog Devices AD8038AR-REEL Datasheet HTML 8Page - Analog Devices AD8038AR-REEL Datasheet HTML 9Page - Analog Devices AD8038AR-REEL Datasheet HTML 10Page - Analog Devices AD8038AR-REEL Datasheet HTML 11Page - Analog Devices AD8038AR-REEL Datasheet HTML 12Page - Analog Devices AD8038AR-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AD8038/AD8039
Rev. G | Page 8 of 16
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
RL = 500Ω HD2
RL = 500Ω HD3
RL = 2kΩ HD3
RL = 2kΩ HD2
FREQUENCY (MHz)
15
4
3
2
678
9
10
Figure 18. Harmonic Distortion vs. Frequency for Various Loads,
VS = 5 V, VOUT = 2 V p-p, G = +2
FREQUENCY (MHz)
–90
–80
–70
–60
–50
G = +1 HD2
G = +2 HD2
G = +1 HD3
G = +2 HD3
–100
15
4
3
2
6789
10
Figure 19. Harmonic Distortion vs. Frequency for Various Gains,
VS = ±5 V, VOUT = 2 V p-p
FREQUENCY (MHz)
–100
–90
–70
–60
–50
G = +1 HD2
G = +2 HD2
G = +1 HD3
G = +2 HD3
–80
15
4
3
2
678
9
10
Figure 20. Harmonic Distortion vs. Frequency for Various Gains,
VS = 5 V, VOUT = 2 V p-p
AMPLITUDE (V p-p)
1
234
–100
–80
–70
–60
–50
10MHz HD2
10MHz HD3
5MHz HD2
5MHz HD3
1MHz HD2
1MHz HD3
–90
–40
Figure 21. Harmonic Distortion vs. VOUT Amplitude for Various Frequencies,
VS = ±5 V, G = +2
AMPLITUDE (V p-p)
1.0
–85
–75
–65
–55
10MHz HD2
10MHz HD3
5MHz HD2
5MHz HD3
1MHz HD2
–95
–45
1.5
2.0
2.5
3.0
1MHz HD3
Figure 22. Harmonic Distortion vs. Amplitude for Various Frequencies,
VS = 5 V, G = +2
1000
100
10
1
10
FREQUENCY (Hz)
10M
100k
1k
100
10k
100M
1M
Figure 23. Input Voltage Noise vs. Frequency


Podobny numer części - AD8038AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8038AR-REEL AD-AD8038AR-REEL Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038AR-REEL AD-AD8038AR-REEL Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8038AR-REEL7 AD-AD8038AR-REEL7 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038AR-REEL7 AD-AD8038AR-REEL7 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
More results

Podobny opis - AD8038AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com