Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBTH81 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części MMBTH81
Szczegółowy opis  PNP RF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTH81 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  MMBTH81 Datasheet HTML 1Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 2Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 3Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 4Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 5Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 6Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 7Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 8Page - Fairchild Semiconductor MMBTH81 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PNP RF Transistor
This device is designed for general RF amplifier and mixer
applications to 250 mHz with collector currents in the 1.0 mA
to 30 mA range. Sourced from Process 75.
MMBTH81
MPSH81
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
20
V
VCBO
Collector-Base Voltage
20
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Collector Current - Continuous
50
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
MPSH81
*MMBTH81
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
225
1.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
556
°C/W
C
E
B
TO-92
C
B
E
SOT-23
Mark: 3D
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
1997 Fairchild Semiconductor Corporation
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
3) All voltages (V) and currents (A) are negative polarity for PNP transistors.


Podobny numer części - MMBTH81

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMBTH81 MOTOROLA-MMBTH81 Datasheet
126Kb / 4P
   UHF/VHF TRANSISTOR PMP SILICON
logo
ON Semiconductor
MMBTH81 ONSEMI-MMBTH81 Datasheet
615Kb / 11P
   PNP RF Transistor
October-2017, Rev. 2
logo
Motorola, Inc
MMBTH81LT1 MOTOROLA-MMBTH81LT1 Datasheet
73Kb / 4P
   UHF/VHF Transistor
More results

Podobny opis - MMBTH81

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MPSH81 ONSEMI-MPSH81 Datasheet
615Kb / 11P
   PNP RF Transistor
October-2017, Rev. 2
logo
Central Semiconductor C...
MPSH81 CENTRAL-MPSH81 Datasheet
116Kb / 2P
   PNP SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
AF239 SIEMENS-AF239 Datasheet
156Kb / 6P
   PNP GERMANIUM RF TRANSISTOR
logo
Solid States Devices, I...
SFT4957A2 SSDI-SFT4957A2 Datasheet
121Kb / 2P
   Dual PNP RF Transistor
logo
Vishay Telefunken
BF509 TFUNK-BF509 Datasheet
250Kb / 5P
   Silicon PNP RF Transistor
logo
Siemens Semiconductor G...
AF106 SIEMENS-AF106 Datasheet
182Kb / 6P
   PNP GERMANIUM RF TRANSISTOR
AF139 SIEMENS-AF139 Datasheet
200Kb / 8P
   PNP GERMANIUM RF TRANSISTOR
BF606A SIEMENS-BF606A Datasheet
61Kb / 2P
   PNP Silicon RF Transistor
AF109R SIEMENS-AF109R Datasheet
140Kb / 5P
   PNP GERMANIUM RF TRANSISTOR
AF239S SIEMENS-AF239S Datasheet
84Kb / 4P
   PNP GERMANIUM RF TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com