Zakładka z wyszukiwarką danych komponentów |
|
AD9201-EVAL Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD9201-EVAL Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 4 page AD9201 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 1999 REV. D Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC FEATURES Complete Dual Matching ADCs Low Power Dissipation: 215 mW (+3 V Supply) Single Supply: 2.7 V to 5.5 V Differential Nonlinearity Error: 0.4 LSB On-Chip Analog Input Buffers On-Chip Reference Signal-to-Noise Ratio: 57.8 dB Over Nine Effective Bits Spurious-Free Dynamic Range: –73 dB No Missing Codes Guaranteed 28-Lead SSOP FUNCTIONAL BLOCK DIAGRAM 1V REFERENCE BUFFER QREFB IREFB QREFT IREFT VREF REFSENSE IINA IINB "I" ADC QINB QINA "Q" ADC Q REGISTER I REGISTER THREE- STATE OUTPUT BUFFER AVDD AVSS CLOCK DVDD DVSS SLEEP SELECT DATA 10 BITS CHIP SELECT AD9201 ASYNCHRONOUS MULTIPLEXER PRODUCT DESCRIPTION The AD9201 is a complete dual channel, 20 MSPS, 10-bit CMOS ADC. The AD9201 is optimized specifically for applica- tions where close matching between two ADCs is required (e.g., I/Q channels in communications applications). The 20 MHz sampling rate and wide input bandwidth will cover both narrow- band and spread-spectrum channels. The AD9201 integrates two 10-bit, 20 MSPS ADCs, two input buffer amplifiers, an internal voltage reference and multiplexed digital output buffers. Each ADC incorporates a simultaneous sampling sample-and- hold amplifier at its input. The analog inputs are buffered; no external input buffer op amp will be required in most applica- tions. The ADCs are implemented using a multistage pipeline architecture that offers accurate performance and guarantees no missing codes. The outputs of the ADCs are ported to a multi- plexed digital output buffer. The AD9201 is manufactured on an advanced low cost CMOS process, operates from a single supply from 2.7 V to 5.5 V, and consumes 215 mW of power (on 3 V supply). The AD9201 input structure accepts either single-ended or differential signals, providing excellent dynamic performance up to and beyond its 10 MHz Nyquist input frequencies. PRODUCT HIGHLIGHTS 1. Dual 10-Bit, 20 MSPS ADCs A pair of high performance 20 MSPS ADCs that are opti- mized for spurious free dynamic performance are provided for encoding of I and Q or diversity channel information. 2. Low Power Complete CMOS Dual ADC function consumes a low 215 mW on a single supply (on 3 V supply). The AD9201 operates on supply voltages from 2.7 V to 5.5 V. 3. On-Chip Voltage Reference The AD9201 includes an on-chip compensated bandgap voltage reference pin programmable for 1 V or 2 V. 4. On-chip analog input buffers eliminate the need for external op amps in most applications. 5. Single 10-Bit Digital Output Bus The AD9201 ADC outputs are interleaved onto a single output bus saving board space and digital pin count. 6. Small Package The AD9201 offers the complete integrated function in a compact 28-lead SSOP package. 7. Product Family The AD9201 dual ADC is pin compatible with a dual 8-bit ADC (AD9281) and has a companion dual DAC product, the AD9761 dual DAC. |
Podobny numer części - AD9201-EVAL |
|
Podobny opis - AD9201-EVAL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |