Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3159-Q1 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3159-Q1
Szczegółowy opis  1- SPDT ANALOG SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159-Q1 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TS5A3159-Q1 Datasheet HTML 4Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 5Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 6Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 7Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 8Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 9Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 10Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 11Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
0
2
4
6
8
10
12
14
16
18
20
−40
−20
0
20
40
60
80
100
Temperature (°C)
V+ = 5 V
tr = 2.5 ns
tf = 2.5 ns
Power Supply (V)
Vt–
Vt+
2.5
2
1.5
1
0.5
0
4
3.5
2.5
2
1.5
5
4.5
3
0
2
4
6
8
10
12
14
16
18
−40
−20
0
20
40
60
80
100
Temperature (°C)
V+ = 5 V
INO(OFF)
INC(OFF)
ICOM(ON)
INC(ON)
INO(ON)
0
10
20
30
40
50
0
1
2
3
4
5
6
Supply Voltage (V)
VCOM = V+
TA = 25°C
tr < 20 ns
tf < 20 ns
V+ = 1.8 V
V+ = 3 V
VCOM (V)
0
1
2
3
4
3.5
3
2.5
2
1.5
1
0.5
0
V+ = 2.5 V
V+ = 4.5 V
TA = 25C
TA = −40°C
TA = 85°C
TA = 25°C
VCOM (V)
0
1
2
3
V+ = 3 V
1.6
1.4
1.2
1
0.8
0.6
0.4
0
0.2
TS5A3159-Q1
SCDS336A – NOVEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
ron
ron
vs
vs
VCOM
VCOM
Figure 1.
Figure 2.
Leakage Current
tON/OFF
vs
vs
Temperature
V+
Figure 3.
Figure 4.
tON/OFF
Logic Threshold
vs
vs
Temperature
Power Supply
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TS5A3159-Q1


Podobny numer części - TS5A3159-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3159-Q1 TI1-TS5A3159-Q1 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results

Podobny opis - TS5A3159-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
   Dual 1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com