Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS2060FL-AU Arkusz danych(PDF) 2 Page - Pan Jit International Inc.

Numer części SS2060FL-AU
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS2060FL-AU Arkusz danych(HTML) 2 Page - Pan Jit International Inc.

  SS2060FL-AU Datasheet HTML 1Page - Pan Jit International Inc. SS2060FL-AU Datasheet HTML 2Page - Pan Jit International Inc. SS2060FL-AU Datasheet HTML 3Page - Pan Jit International Inc. SS2060FL-AU Datasheet HTML 4Page - Pan Jit International Inc. SS2060FL-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
SS2060FL-AU
0
25
50
75
100
125
150
175
2.0
1.5
1.0
0.5
0
LEAD TEMPERATURE, C
O
LEAD TEMPERATURE, C
O
0
20
40
60
10
4
10
4
10
3
10
3
10
2
10
2
10
1
0.1
REVERSE VOLTAGE,V (V)
R
REVERSE VOLTAGE,V (V)
R
SINGLE PHASE HALF WAVE 60Hz
RESTSTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.2x0.2 (5.0x5.0mm)
COPPER PAD AREAS
,,
T125 C
J
O
T125 C
J
O
T75 C
J
O
T75 C
J
O
T25 C
J
O
T25 C
J
O
Rating and Characteristic Curves
Rating and Characteristic Curves
FIG. 1-FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL REVERSE CHARACTERISTIC
FIG. 4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
20
0.1
10
1.0
T= 25 C
PulseWidth= 300 s
1%Duty Cycle
J
O
m
20-40V
60V
100V
V ,REVERSE VOLTAGE(VOLTS)
R
V ,REVERSE VOLTAGE(VOLTS)
R
0
10
20
30
40
1000
100
0.1
10
T=25 C
J
O
T=25 C
J
O
FIG. 3-TYPICAL JUNCTION CHATACTERISTIC
20-40V
20 - 40V
60V
100V
0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
July 30,2013
Document Number : 12282012


Podobny numer części - SS2060FL-AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotech Company.
SS2060FL DIOTECH-SS2060FL Datasheet
691Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS2060FL PANJIT-SS2060FL Datasheet
110Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS2060FL TAYCHIPST-SS2060FL Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SS2060FL YENYO-SS2060FL Datasheet
237Kb / 2P
   2.0A Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SS2060FL SAMYANG-SS2060FL Datasheet
976Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS2060FL-AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com