Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM-IAC5 Arkusz danych(PDF) 2 Page - Crydom Inc.,

Numer części SM-IAC5
Szczegółowy opis  I/O Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CRYDOM [Crydom Inc.,]
Strona internetowa  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SM-IAC5 Arkusz danych(HTML) 2 Page - Crydom Inc.,

  SM-IAC5_11 Datasheet HTML 1Page - Crydom Inc., SM-IAC5_11 Datasheet HTML 2Page - Crydom Inc., SM-IAC5_11 Datasheet HTML 3Page - Crydom Inc., SM-IAC5_11 Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GENERAL SPECIFICATIONS
Description
Input/Output Isolation Voltage (14)
4000
Input/Output Capacitance
8
Operating Temperature Range
-30 to 80°C
Storage Temperature Range
-40 to 80°C
Line Frequency Range
47 to 63
Weight
1.1 oz. (31.2g)
GENERAL NOTES:
(1) Specifications apply to an ambient temperature of -30 to 80 °C unless otherwise noted.
(2) Resistance values for IAC modules are effective impedance values at 25 °C.
(3) Resistance values are +/-10% at 25 °C.
(4) Measured at maximum specified input voltage, 25°C.
(5) Defined as the maximum current allowed through the module's input to guarantee that
the output will switch from "on" to "off". Higher currents may result in the output remaining
in the "on" state.
(6) Defined as the maximum current allowed through the module's input that will not switch
the module's output state from "off: to "on".
(7) With external LED status indicator at maximum specified logic supply voltage and 25°C.
18mA without external LED.
(8) At maximum specified logic voltage and 25°C.
(9) Applied across open collector output transistor.
(10) Sinking current through the open collector output transistor.
(11) At maximum output voltage and 25°C.
(12) At maximum output current and 25°C.
(13) At nominal logic supply voltage, 25mA output sinking current, nominal input voltage
and 25°C
(14) At 25°C for 1 second maximum duration.
MECHANICAL SPECIFICATIONS
AGENCY APPROVALS
E46203
38595
Rev. 121311


Podobny numer części - SM-IAC5_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crydom Inc.,
SM-IAC5A CRYDOM-SM-IAC5A Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
More results

Podobny opis - SM-IAC5_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com