Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3157DCKRG4 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3157DCKRG4
Szczegółowy opis  10OHM SPDT ANALOG SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3157DCKRG4 Arkusz danych(HTML) 2 Page - Texas Instruments

  TS5A3157DCKRG4 Datasheet HTML 1Page - Texas Instruments TS5A3157DCKRG4 Datasheet HTML 2Page - Texas Instruments TS5A3157DCKRG4 Datasheet HTML 3Page - Texas Instruments TS5A3157DCKRG4 Datasheet HTML 4Page - Texas Instruments TS5A3157DCKRG4 Datasheet HTML 5Page - Texas Instruments TS5A3157DCKRG4 Datasheet HTML 6Page - Texas Instruments TS5A3157DCKRG4 Datasheet HTML 7Page - Texas Instruments TS5A3157DCKRG4 Datasheet HTML 8Page - Texas Instruments TS5A3157DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
Absolute Minimum and Maximum Ratings
(1) (2)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Tape and reel
TS5A3157YZPR
_ _ _JC_
(Pb-free)
–40
°C to 85°C
SOT (SOT-23) – DBV
Tape and reel
TS5A3157DBVR
JC5_
SOT (SC-70) – DCK
Tape and reel
TS5A3157DCKR
JC_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
L
ON
OFF
H
OFF
ON
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VNO
VNC
Analog voltage range(3)(4)(5)
–0.5
V+ + 0.5
V
VCOM
IK
Analog port diode current
VNC, VNO, VCOM < 0 or VNO, VNC, VCOM > V+
–50
50
mA
INO
INC
On-state switch current
VNC, VNO, VCOM = 0 to V+
–50
50
mA
ICOM
VI
Digital input voltage range(3)(4)
–0.5
6.5
V
IIK
Digital input clamp current
VI < 0
–50
mA
I+
Continuous current through V+
–100
100
mA
IGND
Continuous current through GND
–100
100
mA
DBV package
206
θJA
Package thermal impedance(6)
DCK package
252
°C/W
YZP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TS5A3157


Podobny numer części - TS5A3157DCKRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3157DCKR TI-TS5A3157DCKR Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A3157DCKR TI1-TS5A3157DCKR Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS5A3157DCKRE4 TI-TS5A3157DCKRE4 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
More results

Podobny opis - TS5A3157DCKRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com