Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3157DBVR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3157DBVR
Szczegółowy opis  10OHM SPDT ANALOG SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3157DBVR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TS5A3157DBVR Datasheet HTML 3Page - Texas Instruments TS5A3157DBVR Datasheet HTML 4Page - Texas Instruments TS5A3157DBVR Datasheet HTML 5Page - Texas Instruments TS5A3157DBVR Datasheet HTML 6Page - Texas Instruments TS5A3157DBVR Datasheet HTML 7Page - Texas Instruments TS5A3157DBVR Datasheet HTML 8Page - Texas Instruments TS5A3157DBVR Datasheet HTML 9Page - Texas Instruments TS5A3157DBVR Datasheet HTML 10Page - Texas Instruments TS5A3157DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNO, VNC
25
°C
35
45
ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
ron
2.3 V
resistance
ICOM = –8 mA,
See Figure 13
Full
50
ON-state
25
°C
0.3
0.5
VNO or VNC = 1.6 V,
Switch ON,
resistance match
Δron
2.3 V
ICOM = –8 mA,
See Figure 13
Full
0.7
between channels
ON-state
25
°C
30
40
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
resistance
ron(flat)
2.3 V
ICOM = –8 mA,
See Figure 13
Full
40
flatness
VNO or VNC = 0.5 V,
25
°C
–0.1
0.05
0.1
NO, NC
VCOM = 2.2 V,
INO(OFF),
Switch OFF,
OFF leakage
or
2.7 V
μA
INC(OFF)
See Figure 14
Full
–0.2
0.1
0.2
current
VNO or VNC = 2.2 V,
VCOM = 0.5 V,
VNO or VNC = 0.5 V,
25
°C
–0.1
0.05
0.1
NO, NC
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
2.7 V
μA
INC(ON)
See Figure 15
Full
–0.2
0.1
0.2
current
VNO or VNC = 2.2 V,
VCOM = Open,
VCOM = 0.5 V,
25
°C
–0.1
0.05
0.1
COM
VNO or VNC = Open,
Switch ON,
ON leakage
ICOM(ON)
or
2.7 V
μA
See Figure 15
Full
–0.2
0.1
0.2
current
VCOM = 2.2 V,
VNO or VNC = Open,
Digital Control Input (IN)
V+ ×
Input logic high
VIH
Full
5.5
V
0.7
V+ ×
Input logic low
VIL
Full
0
V
0.3
25
°C
–0.1
0.05
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
2.7 V
μA
current
Full
–1
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS5A3157


Podobny numer części - TS5A3157DBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3157DBVR TI-TS5A3157DBVR Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A3157DBVR TI1-TS5A3157DBVR Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS5A3157DBVRE4 TI-TS5A3157DBVRE4 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
More results

Podobny opis - TS5A3157DBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com