Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744383230047 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744383230047
Szczegółowy opis  WE-MAPI SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744383230047 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744383230047 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383230047 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383230047 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383230047 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383230047 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383230047 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.0
REV
2013-07-31
DATE
SSt
BY
DDe
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MAPI SMD Power Inductor
Order.- No.
744383230047
SIZE
A4
Size: 2510
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 10 mA
∆T = 40 K
|ΔL/L| < 20%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
0.47
3.2
5.5
37.0
48.0
170
Unit
µH
A
A
MHz
Tol.
±30%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 744383230047

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744383230033 WURTH-744383230033 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383230068 WURTH-744383230068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
logo
Texas Instruments
744383230068 TI1-744383230068 Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
logo
Wurth Elektronik GmbH &...
744383230082 WURTH-744383230082 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
More results

Podobny opis - 744383230047

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74438321010 WURTH-74438321010 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438335010 WURTH-74438335010 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438335068 WURTH-74438335068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438323033 WURTH-74438323033 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383220047 WURTH-744383220047 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
744383340033 WURTH-744383340033 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438323015 WURTH-74438323015 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438323022 WURTH-74438323022 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438334012 WURTH-74438334012 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438334068 WURTH-74438334068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
74438322022 WURTH-74438322022 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com