Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1896AYRSZ Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD1896AYRSZ
Szczegółowy opis  192 kHz Stereo Asynchronous Sample Rate Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1896AYRSZ Arkusz danych(HTML) 3 Page - Analog Devices

  AD1896AYRSZ Datasheet HTML 1Page - Analog Devices AD1896AYRSZ Datasheet HTML 2Page - Analog Devices AD1896AYRSZ Datasheet HTML 3Page - Analog Devices AD1896AYRSZ Datasheet HTML 4Page - Analog Devices AD1896AYRSZ Datasheet HTML 5Page - Analog Devices AD1896AYRSZ Datasheet HTML 6Page - Analog Devices AD1896AYRSZ Datasheet HTML 7Page - Analog Devices AD1896AYRSZ Datasheet HTML 8Page - Analog Devices AD1896AYRSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. A
–3–
AD1896
DIGITAL TIMING (–40 C < TA < +105 C, VDD_CORE = 3.3 V
5%, VDD_IO = 5.0 V
10%)
Parameter
1
Min
Typ
Max
Unit
tMCLKI
MCLK_I Period
33.3
ns
fMCLK
MCLK_I Frequency
30.0
2, 3
MHz
tMPWH
MCLK_I Pulsewidth High
9
ns
tMPWL
MCLK_I Pulsewidth Low
12
ns
Input Serial Port Timing
tLRIS
LRCLK_I Setup to SCLK_I
8
ns
tSIH
SCLK_I Pulsewidth High
8
ns
tSIL
SCLK_I Pulsewidth Low
8
ns
tDIS
SDATA_I Setup to SCLK_I Rising Edge
8
ns
tDIH
SDATA_I Hold from SCLK_I Rising Edge
3
ns
Propagation Delay from MCLK_I Rising Edge to SCLK_I Rising Edge
(Serial Input Port MASTER)
12
ns
Propagation Delay from MCLK_I Rising Edge to LRCLK_I Rising Edge
(Serial Input Port MASTER)
12
ns
Output Serial Port Timing
tTDMS
TDM_IN Setup to SCLK_O Falling Edge
3
ns
tTDMH
TDM_IN Hold from SCLK_O Falling Edge
3
ns
tDOPD
SDATA_O Propagation Delay from SCLK_O, LRCLK_O
20
ns
tDOH
SDATA_O Hold from SCLK_O
3
ns
tLROS
LRCLK_O Setup to SCLK_O (TDM Mode Only)
5
ns
tLROH
LRCLK_O Hold from SCLK_O (TDM Mode Only)
3
ns
tSOH
SCLK_O Pulsewidth High
10
ns
tSOL
SCLK_O Pulsewidth Low
5
ns
tRSTL
RESET Pulsewidth Low
200
ns
Propagation Delay from MCLK_I Rising Edge to SCLK_O Rising Edge
(Serial Output Port MASTER)
12
ns
Propagation Delay from MCLK_I Rising Edge to LRCLK_O Rising Edge
(Serial Output Port MASTER)
12
ns
NOTES
1Refer to Timing Diagrams section.
2The maximum possible sample rate is: FS
MAX = fMCLK /138.
3f
MCLK of up to 34 MHz is possible under the following conditions: 0
∞C < TA < 70∞C, 45/55 or better MCLK_I duty cycle.
Specifications subject to change without notice.


Podobny numer części - AD1896AYRSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
More results

Podobny opis - AD1896AYRSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com