Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8037AR Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8037AR
Szczegółowy opis  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8037AR Arkusz danych(HTML) 1 Page - Analog Devices

  AD8037AR Datasheet HTML 1Page - Analog Devices AD8037AR Datasheet HTML 2Page - Analog Devices AD8037AR Datasheet HTML 3Page - Analog Devices AD8037AR Datasheet HTML 4Page - Analog Devices AD8037AR Datasheet HTML 5Page - Analog Devices AD8037AR Datasheet HTML 6Page - Analog Devices AD8037AR Datasheet HTML 7Page - Analog Devices AD8037AR Datasheet HTML 8Page - Analog Devices AD8037AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8036/AD8037
large-signal bandwidths and ultralow distortion. The AD8036
achieves –66 dBc at 20 MHz, and 240 MHz small-signal and
195 MHz large-signal bandwidths. The AD8036 and AD8037’s
recover from 2
× clamp overdrive within 1.5 ns. These character-
istics position the AD8036/AD8037 ideally for driving as well as
buffering flash and high resolution ADCs.
In addition to traditional output clamp amplifier applications,
the input clamp architecture supports the clamp levels as addi-
tional inputs to the amplifier. As such, in addition to static dc
clamp levels, signals with speeds up to 240 MHz can be applied
to the clamp pins. The clamp values can also be set to any value
within the output voltage range provided that VH is greater that
VL. Due to these clamp characteristics, the AD8036 and AD8037
can be used in nontraditional applications such as a full-wave
rectifier, a pulse generator, or an amplitude modulator. These
novel applications are only examples of some of the diverse
applications which can be designed with input clamps.
The AD8036 is offered in chips, industrial (–40
°C to +85°C)
and military (–55
°C to +125°C) package temperature ranges
and the AD8037 in industrial. Industrial versions are available
in plastic DIP and SOIC; MIL versions are packaged in cerdip.
–4
–3
–2
–1
0
1
2
3
4
4
3
2
1
0
–1
–2
–3
–4
INPUT VOLTAGE – Volts
VL = –3V
VL = –2V
VL = –1V
VH = 1V
VH = 2V
VH = 3V
AD8036
Figure 1. Clamp DC Accuracy vs. Input Voltage
FEATURES
Superb Clamping Characteristics
3 mV Clamp Error
1.5 ns Overdrive Recovery
Minimized Nonlinear Clamping Region
240 MHz Clamp Input Bandwidth
3.9 V Clamp Input Range
Wide Bandwidth
AD8036
AD8037
Small Signal
240 MHz
270 MHz
Large Signal (4 V p-p) 195 MHz
190 MHz
Good DC Characteristics
2 mV Offset
10
V/ C Drift
Ultralow Distortion, Low Noise
–72 dBc typ @ 20 MHz
4.5 nV/
√Hz Input Voltage Noise
High Speed
Slew Rate 1500 V/ s
Settling 10 ns to 0.1%, 16 ns to 0.01%
3 V to
5 V Supply Operation
APPLICATIONS
ADC Buffer
IF/RF Signal Processing
High Quality Imaging
Broadcast Video Systems
Video Amplifier
Full Wave Rectifier
FUNCTIONAL BLOCK DIAGRAM
8-Lead Plastic DIP (N), Cerdip (Q),
and SO Packages
1
2
3
4
8
7
6
5
AD8036/
AD8037
NC
–INPUT
+INPUT
–VS
+VS
OUTPUT
(Top View)
NC = NO CONNECT
VL
VH
Low Distortion, Wide Bandwidth
Voltage Feedback Clamp Amps
PRODUCT DESCRIPTION
The AD8036 and AD8037 are wide bandwidth, low distortion
clamping amplifiers. The AD8036 is unity gain stable. The
AD8037 is stable at a gain of two or greater. These devices
allow the designer to specify a high (VCH) and low (VCL) output
clamp voltage. The output signal will clamp at these specified
levels. Utilizing a unique patent pending CLAMPIN™ input
clamp architecture, the AD8036 and AD8037 offer a 10
×
improvement in clamp performance compared to traditional
output clamping devices. In particular, clamp error is typically
3 mV or less and distortion in the clamp region is minimized.
This product can be used as a classical op amp or a clamp
amplifier where a high and low output voltage are specified.
The AD8036 and AD8037, which utilize a voltage feedback
architecture, meet the requirements of many applications which
previously depended on current feedback amplifiers. The AD8036
and AD8037 exhibit an exceptionally fast and accurate pulse
response (16 ns to 0.01%), extremely wide small-signal and
CLAMPIN is a trademark of Analog Devices, Inc.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Podobny numer części - AD8037AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8037AR AD-AD8037AR Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037AR AD-AD8037AR Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037AR AD-AD8037AR Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037AR-REEL AD-AD8037AR-REEL Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037AR-REEL AD-AD8037AR-REEL Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results

Podobny opis - AD8037AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037ARZ AD-AD8037ARZ Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com