Zakładka z wyszukiwarką danych komponentów |
|
AD9059BRSZ Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD9059BRSZ Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 12 page REV. A –2– AD9059–SPECIFICATIONS ELECTRICAL CHARACTERISTICS (VD = 5 V, VDD = 3 V, external reference, ENCODE = 60 MSPS, unless otherwise noted.) AD9059BRS Parameter Temp Test Level Min Typ Max Unit RESOLUTION 8 Bits DC ACCURACY Differential Nonlinearity 25 °CI 0.75 2.0 LSB Full VI 2.5 LSB Integral Nonlinearity 25 °CI 0.75 2.0 LSB Full VI 2.5 LSB No Missing Codes Full VI Guaranteed Gain Error 1 25 °CI –6 –2.5 +6 % FS Full VI –8 +8 % FS Gain Temperature Coefficient 1 Full V ±70 ppm/ °C ANALOG INPUT Input Voltage Range (Centered at 2.5 V) 25 °CV 1.0 V p-p Input Offset Voltage 25 °CI –15 0 +15 mV Full VI –25 +25 mV Input Resistance 25 °CV 150 k Ω Input Capacitance 25 °CV 2 pF Input Bias Current 25 °CI 6 16 µA Analog Bandwidth 25 °CV 120 MHz CHANNEL MATCHING (A to B) Gain Delta 25 °CV ±1% FS Input Offset Voltage Delta 25 °CV ±4mV BAND GAP REFERENCE Output Voltage Full VI 2.4 2.5 2.6 V Temperature Coefficient Full V ±10 ppm/ °C SWITCHING PERFORMANCE Maximum Conversion Rate Full VI 60 MSPS Minimum Conversion Rate Full IV 5 MSPS Aperture Delay (tA)25 °CV 2.7 ns Aperture Uncertainty (Jitter) 25 °CV 5 ps, rms Output Valid Time (tV) 2 Full IV 4.0 6.6 ns Output Propagation Delay (tPD) 2 Full IV 9.5 14.2 ns DYNAMIC PERFORMANCE 3 Transient Response 25 °CV 9 ns Overvoltage Recovery Time 25 °CV 9 ns Signal-to-Noise Ratio (SINAD) (with Harmonics) fIN = 10.3 MHz 25 °CI 40 44.5 dB fIN = 76 MHz 25 °CV 43.5 dB Effective Number of Bits (ENOB) fIN = 10.3 MHz 25 °CI 6.35 7.1 Bits fIN = 76 MHz 25 °CV 6.9 Bits Signal-to-Noise Ratio (SNR) (Without Harmonics) fIN = 10.3 MHz 25 °CI 42 46 dB fIN = 76 MHz 25 °CV 45 dB Second Harmonic Distortion fIN = 10.3 MHz 25 °CI –50 –62 dBc fIN = 76 MHz 25 °CV –54 dBc Third Harmonic Distortion fIN = 10.3 MHz 25 °CI –46 –60 dBc fIN = 76 MHz 25 °CV –54 dBc Two-Tone Intermodulation Distortion (IMD) 25 °CV –52 dBc Channel Crosstalk Rejection 25 °CV –50 dBc Differential Phase 25 °CV 0.8 Degrees Differential Gain 25 °CV 1.0 % |
Podobny numer części - AD9059BRSZ |
|
Podobny opis - AD9059BRSZ |